Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5632 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5632 Datasheet HTML 1Page - National Semiconductor (TI) CLC5632 Datasheet HTML 2Page - National Semiconductor (TI) CLC5632 Datasheet HTML 3Page - National Semiconductor (TI) CLC5632 Datasheet HTML 4Page - National Semiconductor (TI) CLC5632 Datasheet HTML 5Page - National Semiconductor (TI) CLC5632 Datasheet HTML 6Page - National Semiconductor (TI) CLC5632 Datasheet HTML 7Page - National Semiconductor (TI) CLC5632 Datasheet HTML 8Page - National Semiconductor (TI) CLC5632 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CLC5632
Dual, High Output, Programmable Gain Buffer
General Description
The CLC5632 is a dual, low cost, high speed (130MHz)
buffer which features user programmable gains of +2, +1,
and −1V/V. The CLC5632 also has a new output stage that
delivers high output drive current (130mA), but consumes
minimal quiescent supply current (3.0mA/ch) from a single
5V supply. Its current feedback architecture, fabricated in an
advanced complementary bipolar process, maintains consis-
tent performance over a wide range of gains and signal
levels, and has a linear phase response up to one half of the
−3dB frequency.
The CLC5632 offers 0.1dB gain flatness to 30MHz and
differential gain and phase errors of 0.08% and 0.02˚. These
features are ideal for professional and consumer video ap-
plications.
The CLC5632 offers superior dynamic performance with a
130MHz small-signal bandwidth, 410V/µs slew rate and
5.0ns rise/fall times (2V
step). The combination of low quies-
cent power, high output current drive, and high speed per-
formance make the CLC5632 well suited for many battery
powered personal communication/computing systems. The
ability to drive low impedance, highly capacitive loads,
makes the CLC5632 ideal for single ended cable applica-
tions. It also drives low impedance loads with minimum
distortion. The CLC5632 will drive a 100
Ω load with only
−82/−69dBc second/third harmonic distortion (A
V
= +2,
V
OUT =2VPP, f = 1MHz). With a 25Ω load, and the same
conditions, it produces only −71/−73dBc second/third har-
monic distortion. It is also optimized for driving high currents
into single-ended transformers and coils. When driving the
input of high resolution A/D converters, the CLC5632 pro-
vides excellent −86/−96dBc second/third harmonic distortion
(A
V = +2, VOUT =2VPP, f = 1MHz, RL =1kΩ) and fast
settling time.
Features
n
130mA output current
n
0.08%, 0.02˚ differential gain, phase
n
3.0mA/ch supply current
n
130MHz bandwidth (A
v=+2)
n
−86/−96dBc HD2/HD3 (1MHz)
n
17ns settling to 0.05%
n
410V/µs slew rate
n
Stable for capacitive loads up to 1000pf
n
Single 5V to ±5V supplies
Applications
n
Video line driver
n
Coaxial cable driver
n
Twisted pair driver
n
Transformer/coil driver
n
High capacitive load driver
n
Portable/battery powered applications
n
A/D driver
Connection Diagram
Maximum Output Voltage vs. R
L
DS015003-1
DS015003-3
Pinout
DIP & SOIC
December 2000
© 2000 National Semiconductor Corporation
DS015003
www.national.com


Similar Part No. - CLC5632

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
CLC5633IM NSC-CLC5633IM Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
CLC5633IMX NSC-CLC5633IMX Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
CLC5633IN NSC-CLC5633IN Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
More results

Similar Description - CLC5632

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5633 NSC-CLC5633 Datasheet
188Kb / 17P
Triple, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
Dual, High Output, Programmable Gain Buffer
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
logo
National Semiconductor ...
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
HFA1113883 INTERSIL-HFA1113883 Datasheet
568Kb / 22P
Output Limiting, Ultra High Speed Programmable Gain, Buffer Amplifier
July 1994
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
logo
CML Microcircuits
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
Programmable 30dB Output Gain Range
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com