Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5632IM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632IM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC5632IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 16Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 17Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 18Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Division (Continued)
•
Remove the ground plane under and around the part,
especially near the input and output pins to reduce para-
sitic capacitance.
•
Minimize all trace lengths to reduce series inductances.
•
Use flush-mount printed circuit board pins for prototyping,
never use high profile DIP sockets.
Evaluation Board Information
A data sheet is available for the CLC730038/CLC730036
evaluation boards. The evaluation board data sheets pro-
vide:
•
Evaluation board schematics
•
Evaluation board layouts
•
General information about the boards
The evaluation boards are designed to accommodate dual
supplies. The boards can be modified to provide single
supply operation. For best performance; 1) do not connect
the unused supply, 2) ground the unused supply pin.
Special
Evaluation
Board
Considerations
for
the
CLC5632
To optimize off-isolation of the CLC5632, cut the R
f trace on
both the CLC730038 and the CLC730036 evaluation
boards. This cut minimizes capacitive feedthrough between
the input and the output.
Figure 13 shows where to cut both
evaluation boards for improved off-isolation.
SPICE Models
SPICE models provide a means to evaluate amplifier de-
signs. Free SPICE models are available for National’s mono-
lithic amplifiers that:
•
Support Berkeley SPICE 2G and its many derivatives
•
Reproduce typical DC, AC, Transient, and Noise perfor-
mance
•
Support room temperature simulations
The readme file that accompanies the diskette lists released
models, and provides a list of modeled parameters. The
application note OA-18, Simulation SPICE Models for Na-
tional’s Op Amps, contains schematics and a reproduction of
the readme file.
Application Circuits
Single Supply Cable Driver
Figure 14 below shows the CLC5632 driving 10m of 75
Ω
coaxial cable. The CLC5632 is set for a gain of +2V/V to
compensate for the divide-by-two voltage drop at V
O. The
response after 10m of cable is illustrated in
Figure 15
DS015003-61
DS015003-52
FIGURE 13. Evaluation Board Changes
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com