Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5632IM Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632IM Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button CLC5632IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 16Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 17Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 18Page - National Semiconductor (TI) CLC5632IM Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Application Division (Continued)
Differential Line Driver with Load Impedance Conver-
sion
The circuit shown in the Typical Application schematic on
the front page and in
Figure 16, operates as a differential line
driver. The transformer converts the load impedance to a
value that best matches the CLC5632’s output capabilities.
The single-ended input signal is converted to a differential
signal by the CLC5632. The line’s characteristic impedance
is matched at both the input and the output. The schematic
shows Unshielded Twisted Pair for the transmission line;
other types of lines can also be driven.
Set up the CLC5632 as a difference amplifier:
•
Set the Channel 1 amplifier to a gain of +1V/V
•
Set the Channel 2 amplifier to a gain of −1V/V
Make the best use of the CLC5632’s output drive capability
as follows:
where R
eq is the transformed value of the load impedance,
V
max is the output Voltage Range, and Imax is the maximum
Output Current.
Match the line’s characteristic impedance:
RZ
RR
n
R
R
Lo
meq
L
eq
=
=
=
Select the transformer so that it loads the line with a value
very near Z
O over frequency range. The output impedance
of the CLC5632 also affects the match. With an ideal trans-
former we obtain:
where Z
O(5632)(jω) is the output impedance of the CLC5632
and |Z
O(5632)(jω)|<<Rm.
The load voltage and current will fall in the ranges:
The CLC5632’s high output drive current and low distortion
make it a good choice for this application.
Differential Input/Differential Output Amplifier
below illustrates a differential input/differential output con-
figuration. The bypass capacitors are the only external com-
ponents required.
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
0.1
µF
6.8
µF
Vin
5k
Ω
5k
Ω
+
+5V
+5V
0.1
µF 0.1µF
Vo
10m of 75
Ω
Coaxial Cable
75
Ω
0.1
µF
75
Ω
CLC5632
NOTE: Channel 2 not shown
DS015003-53
FIGURE 14. Single Supply Cable Driver
20ns/div
Vin = 10MHz, 0.5Vpp
DS015003-54
FIGURE 15. Response After 10m of Cable
Rt2
Vin
Rt
Rm/2
Rm/2
RL
Zo
UTP
Io
Req
1:n
Vd/2
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
-Vd/2
Note: Supplies and bypassing not shown.
DS015003-55
FIGURE 16. Differential Line Driver with Load
Impedance Conversion
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com