Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXA270 Datasheet(PDF) 49 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 49 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 45Page - Intel Corporation PXA270 Datasheet HTML 46Page - Intel Corporation PXA270 Datasheet HTML 47Page - Intel Corporation PXA270 Datasheet HTML 48Page - Intel Corporation PXA270 Datasheet HTML 49Page - Intel Corporation PXA270 Datasheet HTML 50Page - Intel Corporation PXA270 Datasheet HTML 51Page - Intel Corporation PXA270 Datasheet HTML 52Page - Intel Corporation PXA270 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
4-29
Intel® PXA270 Processor
Pin Listing and Signal Definitions
The address signals are driven low and data signals are pulled low during sleep, standby, deep-
sleep, frequency-change modes, and manual self-refresh. All other memory control signals are in
the same state that they are in after a hardware reset. If the SDRAMs are in self-refresh mode, they
are kept there by driving SDCKE low.
4.5
Power-Supply Pins
Table 4-5 summarize the power-supply ball count.
§§
nPOE
GPIO (memory controller drives high)
nPWE
GPIO (memory controller drives high)
NOTE:
† This indicates that the GPIO pin, if configured for the alternate function
used by the memory controller during reset, drives the represented
value.
NOTE: SCLK<3> is only available on PXA270 processor family packages
1. MA pins are driven
2. MD pins are pulled low
Table 4-4. Memory Controller Pin Reset Values (Sheet 2 of 2)
Pin Name
Reset, Sleep, Standby, Deep-Sleep, Frequency
Change, and Manual Self-Refresh Mode Values
Table 4-5. Discrete (13x13 VF-BGA) Power Supply Pin Summary
Name
Number of Package Balls
13x13 mm VF-BGA
Number of Pachage Balls
23x23 mm PBGA
VCC_BATT
11
VCC_IO
33
VCC_USB
44
VCC_LCD
22
VCC_MEM
19
16
VCC_BB
11
VCC_PLL
11
VCC_SRAM
44
VCC_CORE
14
20
VCC_USIM
11
VSS
65
VSS_IO
99
VSS_MEM
17
17
VSS_BB
11
VSS_PLL
11
VSS_CORE
56
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com