Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXA270 Datasheet(PDF) 75 Page - Intel Corporation

Part # PXA270
Description  Electrical, Mechanical, and Thermal Specification
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

PXA270 Datasheet(HTML) 75 Page - Intel Corporation

Back Button PXA270 Datasheet HTML 71Page - Intel Corporation PXA270 Datasheet HTML 72Page - Intel Corporation PXA270 Datasheet HTML 73Page - Intel Corporation PXA270 Datasheet HTML 74Page - Intel Corporation PXA270 Datasheet HTML 75Page - Intel Corporation PXA270 Datasheet HTML 76Page - Intel Corporation PXA270 Datasheet HTML 77Page - Intel Corporation PXA270 Datasheet HTML 78Page - Intel Corporation PXA270 Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 126 page
background image
Electrical, Mechanical, and Thermal Specification
6-11
Intel® PXA270 Processor
AC Timing Specifications
6.2.10
Voltage-Change Timing
The PWR I2C uses the regular I2C protocol. The PWR I2C is clocked at 40 kHz (160 kHz fast-
mode operation is supported). Software controls the time required for initiating the voltage change
sequence through completion. The voltage-change timing is a product of the number of commands
issued plus the number of software programmed delays. Table 6-12 shows the timing of a 1 byte
command issued to the power manager IC.
Set the I2C programmable output ramp rate with a default/reset ramp rate of 10mV/
µs (refer to
VCC_CORE ramp rate specification in the Electrical Section) to support VCC_CORE dynamic
voltage management.
Table 6-12. Voltage-Change Timing Specification for a 1-Byte Command
6.3
GPIO Timing Specifications
Table 6-13 shows the general-purpose I/O (GPIO) AC timing specifications.
Symbol
Description
Min
Typical
Max
Units
—
Delay between voltage change sequence
start1 to command received by PMIC
—
18
—
cycles2
NOTES:
1. Write 1 to PWRMODE[VC]
2. 40 kHz cycles
Table 6-13. GPIO Timing Specifications
Symbol
Parameter
Min
Max
Units
Notes
taGPIO1
Assertion time required to detect
GPIO edge
154
—
ns
run, idle, or sense power modes
taGPIOLP2
Assertion time required to detect
GPIO low-power edge
62.5
—
µs
standby, sleep, or deep-sleep
power modes
tdGPIO1
De-assertion time required to
detect GPIO edge
154
—
ns
run, idle, or sense power modes
tdGPIOLP2
De-assertion time required to
detect GPIO low-power edge
62.5
—
µs
standby, sleep, or deep-sleep
power modes
tdiGPIO3
Time it takes for a GPIO edge to
be detected internally
231
—
ns
run, idle, or sense power modes
tdiGPIOLP4
Time it takes for a GPIO low-
power edge to be detected
internally
93.75
—
µs
standby, sleep, or deep-sleep
power modes
NOTES:
1. Period equal to two 13-MHz cycles
2. Period equal to two 32-kHz cycles
3. Period equal to three 13-MHz cycles
4. Period equal to three 32-kHz cycles
Note 4 describes the complete timing for a standby, sleep, or deep-sleep wake up source to be asserted and detected internally
(2 cycles for assertion (note 2) and 1 additional cycle for detection).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com