Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM133 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-12-
Version
:A.024
There’s a simple procedure to implement the sequence of open detection for a specified
LED module.
Example:
Take the 4x32 LED module as an example. Once the controller received the alarm signal, then
1.
Set ENABLE=H, check that the Valarm remains ‘H’ or ‘L’ to see if any IC is in thermal alarm mode.
2.
Set DATASEL=H and Shift 32 clocks of ‘1’ into the ICs to turn on all 32 outputs, then set
LATCH=H ,ENABLE=L.
3.
Turn on the SW1 and watch the alarm line to see whether its voltage level is from ‘H’ to ‘L’ or not.
Scan all the lines to identify which row has problem.
4.
Once any row has problem.
5.
Shift 32 clocks of ‘0’ into the ICs to turn off all 32 outputs.
6.
Shift an ‘1’ and follow the other 31 ‘0’s to the LED module clock-by-clock, then the controller can
watch the alarm line to see whether its voltage level is from ‘H’ to ‘L’ or not. Then the opened LED
will be identified.
7.
Switch to the next problem row and repeat the step 6.
Follow the above steps, we recognize which LED fails as the controller receives an ‘0’
at 17
th clock on the second scan line. Then we can identify the opened LED on the LED
module.
The procedure described above is easy for implementation, the control system
doesn’t need an extra memory to handle the patterns comparison or to switch modes
back and forth.
Alarm
DM133
Alarm
DM133
R
SW1
SW2
SW3
SW4
open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com