Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM133 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-6-
Version
:A.024
Electrical Characteristics (Typ:VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
0.8VDD
⎯
VDD
Input Voltage “L” Level
VIL
⎯
GND
⎯
0.2VDD
V
Output Leakage Current
IOH
VOH = 17 V
⎯
⎯
±1.0
uA
VOL
IOL = 1.0 mA
⎯
⎯
0.3
Output Voltage (S - OUT)
VOH
IOH = -1.0 mA
VDD-0.3
⎯
⎯
V
Output Current (Bit-Bit)
1
IOL1
VOUT = 0.4V, Rrext = 4.8K
Ω
VDD=3.3V, (1 channel on)
⎯
⎯
±4
%
Output Current
(Chip-Chip)
2
IOL2
VOUT = 0.4V, Rrext = 4.8K
Ω
VDD=3.3V, (1 channel on)
10.2
11.4
12.6
mA
Output Voltage Regulation % / VOUT
Rrext = 4.8K
Ω,
VOUT = 1V to 3V
⎯
±0.1
±0.5
% / V
Supply Voltage Regulation % / VDD Rrext = 4.8K
Ω
⎯
±2.0
±4.0
% / V
Differential Linearity
DLE
-1.0
1.0
LSB
Thermal Alarm Detection
Temperature
T(tsd)
Junction temperature
140
150
160
℃
LED Open Detection
Voltage
V(od)
⎯
0.3
⎯
V
Pull-Up Resistor
RIN(up)
⎯
150
300
600
K
Ω
Pull-Down Resistor
RIN(down)
⎯
100
200
400
K
Ω
IDD(off)1
Input Signal is static,
Rrext = OPEN, OUT0~15 = off
⎯
8
⎯
IDD(0ff)2
Input Signal is static,
Rrext = 2.8K
Ω, OUT0~15 = off
⎯
8.5
⎯
Supply Current “OFF”
IDD(off)3
Input Signal is static,
Rrext = 1.4K
Ω, OUT0~15 = off
⎯
11
⎯
IDD(on)1
Input Signal is static,
Rrext = 2.8K
Ω, OUT0~15 = on
⎯
13
⎯
Supply Current “ON”
IDD(on)2
Input Signal is static,
Rrext = 1.4K
Ω, OUT0~15 = on
⎯
16
⎯
mA
1 Bit-Bit skew of the IC is defined as the ratio between (any Iout – average Iout) and average Iout, where average
Iout = (Imax + Imin) / 2.
2 Chip-Chip skew is defined the range into which any output current of any IC falls”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com