Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538AS Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP8538AS
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538AS Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP8538AS Datasheet HTML 4Page - Sipex Corporation SP8538AS Datasheet HTML 5Page - Sipex Corporation SP8538AS Datasheet HTML 6Page - Sipex Corporation SP8538AS Datasheet HTML 7Page - Sipex Corporation SP8538AS Datasheet HTML 8Page - Sipex Corporation SP8538AS Datasheet HTML 9Page - Sipex Corporation SP8538AS Datasheet HTML 10Page - Sipex Corporation SP8538AS Datasheet HTML 11Page - Sipex Corporation SP8538AS Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
12
ORDERING INFORMATION
Model ........................................................ Linearity (LSB) ..................... Temperature Range ............................................................... Package
SP8538BN ..........................................................
±1.0 .................................... –40˚C to +85˚C .............................................. 8-pin, 0.3" Plastic DIP
SP8538KN ..........................................................
±1.0 ..................................... –0˚C to +70˚C ............................................... 8-pin, 0.3" Plastic DIP
SP8538BS ..........................................................
±1.0 .................................... –40˚C to +85˚C ......................................... 8-pin, 0.15" Plastic SOIC
SP8538KS ..........................................................
±1.0 ..................................... –0˚C to +70˚C .......................................... 8-pin, 0.15" Plastic SOIC
SP8538AN ..........................................................
±2.0 .................................... –40˚C to +85˚C .............................................. 8-pin, 0.3" Plastic DIP
SP8538JN ...........................................................
±2.0 ..................................... –0˚C to +70˚C ............................................... 8-pin, 0.3" Plastic DIP
SP8538AS ..........................................................
±2.0 .................................... –40˚C to +85˚C ......................................... 8-pin, 0.15" Plastic SOIC
SP8538JS ...........................................................
±2.0 ..................................... –0˚C to +70˚C .......................................... 8-pin, 0.15" Plastic SOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (978) 934-7500
FAX: (978) 935-7600
Far East:
JAPAN:
Nippon Sipex Corporation
Yahagi No. 2 Building
3-5-3 Uchikanda, Chiyoda-ku
Tokyo 101
TEL: 81.3.3256.0577
FAX: 81.3.3256.0621
European Sales Offices:
ENGLAND:
Sipex Corporation
2 Linden House
Turk Street
Alton Hampshire GU34 IAN
England
TEL: 44-1420-549527
FAX: 44-1420-542700
e-mail: mikeb@sipex.co.uk
GERMANY:
Sipex GmbH
Gautinger Strasse 10
82319 Starnberg
TEL: 49.81.51.89810
FAX: 49.81.51.29598
e-mail: sipex-starnberg@t-online.de
Please consult the factory for pricing and availability on a Tape-On-Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com