Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8538AS Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP8538AS
Description  Micropower Sampling 12-Bit A/D Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8538AS Datasheet(HTML) 1 Page - Sipex Corporation

  SP8538AS Datasheet HTML 1Page - Sipex Corporation SP8538AS Datasheet HTML 2Page - Sipex Corporation SP8538AS Datasheet HTML 3Page - Sipex Corporation SP8538AS Datasheet HTML 4Page - Sipex Corporation SP8538AS Datasheet HTML 5Page - Sipex Corporation SP8538AS Datasheet HTML 6Page - Sipex Corporation SP8538AS Datasheet HTML 7Page - Sipex Corporation SP8538AS Datasheet HTML 8Page - Sipex Corporation SP8538AS Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SP8538DS/01
SP8538 Micropower Sampling 12-Bit A/D Converter
© Copyright 1999 Sipex Corporation
1
SP8538
Micropower Sampling 12-Bit A/D Converter
s Low Cost
s 12-Bit Serial Sampling ADC
s Guaranteed +1.0 LSB Max INL
s Guaranteed No Missing Codes
s 8-Pin NSOIC Plastic Package
s Low Power @ 250
µA including
Automatic Shutdown: 1nA(typ)
s Programmable Input Configuration:
Full differential or 2 channel
single-ended
s Single Supply 3.0V to 5.5V operation
s Half Duplex Digital Serial Interface
s Sample Rate: 40
µS
s Pin Compatible Upgrade to LTC 1298
DESCRIPTION
The SP8538 is a very low power 12-Bit data acquisition chip. The SP8538 typically draws 250
µA
of supply current when sampling at 25 kHz. Supply current drops linearly as the sample rate is
reduced. The ADC automatically powers down when not performing conversions, drawing only
leakage current. The SP8538 is available in 8-Pin NSOIC packages, specified over Commercial
and Industrial temperature ranges. The SP8538 is best suited for Battery-Operated Systems,
Portable Data Acquisition Instrumentation, Battery Monitoring, and Remote Sensing
applications. The serial port allows efficient data transfer to a wide range of microprocessors and
microcontrollers over 3 or 4 wires.
Internal
VCC
VCC
REFH
GND
REFL
DAC
REFL
Csample P
Csample N
INPUT
DATA
REG
CH0
CH1
DIN
SAR
PARALLEL TO
SERIAL SHIFT
REGISTER
12
CS
CLK
TIMING &
CONTROL LOGIC
Dout
REFH
COMPARATOR
MUX
SP8538 Block Diagram
SIGNAL PROCESSING EXCELLENCE


Similar Part No. - SP8538AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8530 SIPEX-SP8530 Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AN SIPEX-SP8530AN Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530AS SIPEX-SP8530AS Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BN SIPEX-SP8530BN Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
SP8530BS SIPEX-SP8530BS Datasheet
169Kb / 12P
S2ADC - Simultaneous Sampling Analog to Digital Converter
More results

Similar Description - SP8538AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8527 SIPEX-SP8527 Datasheet
180Kb / 12P
Micropower Sampling 10-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
SP8537 SIPEX-SP8537 Datasheet
220Kb / 12P
Micropower Sampling 10-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1598 LINER-LTC1598 Datasheet
134Kb / 12P
8-Channel, Micropower Sampling 12-Bit Serial I/O A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com