Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425CD
Description  PRECISION VIRTUAL GROUND
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2425CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLE2425CD Datasheet HTML 5Page - Texas Instruments TLE2425CD Datasheet HTML 6Page - Texas Instruments TLE2425CD Datasheet HTML 7Page - Texas Instruments TLE2425CD Datasheet HTML 8Page - Texas Instruments TLE2425CD Datasheet HTML 9Page - Texas Instruments TLE2425CD Datasheet HTML 10Page - Texas Instruments TLE2425CD Datasheet HTML 11Page - Texas Instruments TLE2425CD Datasheet HTML 12Page - Texas Instruments TLE2425CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D – MARCH 1991 – REVISED APRIL 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
56
54
52
50
48
46
44
42
40
25
50
75
100
125
0
– 25
– 50
– 75
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
IOS
Output Sink, VO = 5 V
– IOS
Output Source, VO = 0
VI = 5 V
0.1
0.01
0.001
1 k
10 k
100 k
1 M
100
100
10
10
1
OUTPUT IMPEDANCE
vs
FREQUENCY
f – Frequency – Hz
VI = 5 V
TA = 25°C
IO = 0
IO = – 10 mA
IO = 10 mA
Figure 9
Figure 10
100 k
WIDE-BAND NOISE VOLTAGE
vs
FREQUENCY
f – Frequency – Hz
VI = 5 V
TA = 25°C
1 Hz to Frequency Indicated
1 Pole Low Pass
2 Pole Low Pass
80
60
40
70
30
20
10
50
0
10
100
1 k
10 k
10
100
1 k
10 k
100 k
1400
SPECTRAL NOISE VOLTAGE DENSITY
vs
FREQUENCY
f – Frequency – Hz
1200
1000
800
600
400
200
0
1
VI = 5 V
TA = 25°C
Figure 11
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com