Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2425CD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2425CD
Description  PRECISION VIRTUAL GROUND
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2425CD Datasheet(HTML) 2 Page - Texas Instruments

  TLE2425CD Datasheet HTML 1Page - Texas Instruments TLE2425CD Datasheet HTML 2Page - Texas Instruments TLE2425CD Datasheet HTML 3Page - Texas Instruments TLE2425CD Datasheet HTML 4Page - Texas Instruments TLE2425CD Datasheet HTML 5Page - Texas Instruments TLE2425CD Datasheet HTML 6Page - Texas Instruments TLE2425CD Datasheet HTML 7Page - Texas Instruments TLE2425CD Datasheet HTML 8Page - Texas Instruments TLE2425CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D – MARCH 1991 – REVISED APRIL 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
1
2
3
4
8
7
6
5
OUT
COMMON
IN
NC
NC
NC
NC
NC
D, OR JG PACKAGE
(TOP VIEW)
NC – No internal connection
OUT
IN
COMMON
LP PACKAGE
(TOP VIEW)
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Continuous input voltage, VI
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
±80 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Duration of short-circuit current at (or below) 25
°C (see Note 1)
unlimited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: C-suffix
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I-suffix
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M-suffix
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D package
260
°C
. . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: JG or LP package
300
°C
. . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
725 mV
5.8 mW/
°C
464 mW
377 mW
145 mW
JG
1050 mV
8.4 mW/
°C
672 mW
546 mW
210 mW
LP
775 mV
6.2 mW/
°C
496 mW
403 mW
155 mW
recommended operating conditions
C-SUFFIX
I-SUFFIX
M-SUFFIX
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Input voltage, VI
4
40
4
40
4
40
V
Operating free-air temperature, TA
0
70
– 40
85
– 55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com