Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6341PC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 6341PC
Description  Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6341PC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  6341PC Datasheet HTML 1Page - List of Unclassifed Manufacturers 6341PC Datasheet HTML 2Page - List of Unclassifed Manufacturers 6341PC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMP
CEC/C(UL) Specification:
CMP
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
NFPA 262
C(UL) Flame Test:
FT6
Plenum/Non-Plenum
Plenum (Y/N):
Yes
Electrical Characteristics (Overall)
Nom. Inductance:
Inductance (µH/m)
0.52496
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
144.364
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
259.855
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
21.327
Nom. Inner Shield DC Resistance:
DCR @ 20°C (Ohm/km)
47.246
Ind. Pair Nominal Shield DC Resistance @ 20 Deg. C:
47.246 Ohm/km
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
4 Amps per conductor @ 25°C
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
6341PC 877U1000
1,000 FT
43.000 LB
NATURAL
2 #18 FS PR FEP FLRST
6341PC 8771000
1,000 FT
45.000 LB
NATURAL
C
2 #18 FS PR FEP FLRST
6341PC 877500
500 FT
24.500 LB
NATURAL
2 #18 FS PR FEP FLRST
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 03-13-2013
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
Page 2 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
6341PC Multi-Conductor - Pro Audio and Intercom Systems



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com