Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6341PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 6341PC
Description  Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6341PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  6341PC Datasheet HTML 1Page - List of Unclassifed Manufacturers 6341PC Datasheet HTML 2Page - List of Unclassifed Manufacturers 6341PC Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
Security, Pro Audio & Intercom Cable, Plenum-CMP, 2-18 AWG stranded bare copper pairs with FEP
insulation, Individually Beldfoil® shielded and Flamarrest® jacket
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material
2
18
7
BC - Bare Copper
Total Number of Conductors:
4
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
FEP - Fluorinated Ethylene Propylene 0.254
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil®
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
24
Inner Shield Drain Wire Stranding:
7
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Shield
Outer Shield Material:
Outer Shield Material
Unshielded
Outer Jacket
Outer Jacket Material:
Outer Jacket Trade Name Outer Jacket Material
Nom. Wall Thickness (mm)
Flamarrest®
LS PVC - Low Smoke Polyvinyl Chloride 0.4191
Outer Jacket Ripcord:
Yes
Overall Cable
Overall Nominal Diameter:
7.137 mm
Pair
Pair Color Code Chart:
Number Color
1
Black and Red
2
Black and White
Pair Lay Length & Direction:
Lay Length (mm)
47.625
Mechanical Characteristics (Overall)
UL Temperature Rating:
75°C
Bulk Cable Weight:
64.439 Kg/Km
Max. Recommended Pulling Tension:
523.108 N
Min. Bend Radius/Minor Axis:
69.850 mm
Page 1 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
6341PC Multi-Conductor - Pro Audio and Intercom Systems


Similar Part No. - 6341PC

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6341PC BELDEN-6341PC Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6341PC-8771000 BELDEN-6341PC-8771000 Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6341PC-877500 BELDEN-6341PC-877500 Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
6341PC-877U1000 BELDEN-6341PC-877U1000 Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Individually Shielded, CMP
04-28-2023
More results

Similar Description - 6341PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344189 ETC2-1344189 Datasheet
100Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1344471 ETC2-1344471 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1345074 ETC2-1345074 Datasheet
99Kb / 3P
18 AWG stranded (19x30) TC conductors, plenum, FEP insulation
1347101 ETC2-1347101 Datasheet
98Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, PVC insulation
1347778 ETC2-1347778 Datasheet
100Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, plenum, FEP insulation
1348168 ETC2-1348168 Datasheet
102Kb / 3P
18 AWG pairs stranded (7x26) bare copper conductors, twisted pairs, PVC insulation
82442 ETC2-82442 Datasheet
97Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, plenum, FEP insulation
5541UE ETC2-5541UE Datasheet
99Kb / 3P
Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation
5341FE ETC2-5341FE Datasheet
96Kb / 2P
Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
1533P ETC2-1533P Datasheet
108Kb / 4P
24 AWG solid bare copper conductors, plenum, FEP Teflon insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com