Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7962A1SW2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7962A1SW2000
Description  22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7962A1SW2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7962A1SW2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7962A1SW2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7962A1SW2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM, CMX-Outdoor, ITC, PLTC
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 20626 (600V 80°C)
EU Directive 2011/65/EU (ROHS II):
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Telecommunications Standards:
Category 5e - TIA 568.C.2
Other Specification:
Oil Res I, Oil Res 60811-2-1, Weldspatter Resistant
Flame Test
UL Flame Test:
UL1666 Vertical Tray
C(UL) Flame Test:
FT1
Suitability
Suitability - Indoor:
Yes
Suitability - Outdoor:
Yes
Sunlight Resistance:
Yes
Oil Resistance:
Yes
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Shield:
Capacitance (pF/ft)
15
Maximum Capacitance Unbalance (pF/100 m):
66
Nominal Velocity of Propagation:
VP (%)
70
Maximum Delay:
Delay (ns/100 m)
552.000
Maximum Conductor DC Resistance:
DCR @ 20°C (Ohm/100 m)
5.700
Max. Operating Voltage - UL:
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. NEXT (dB) Min. ACR (dB) Min RL (dB)
1
2.100
65.3
63.2
23.000
4
4.000
56.3
52.3
23.000
10
6.300
50.3
43.9
25.000
16
8.000
47.2
39.1
25.000
20
9.000
45.8
35.2
25.000
31.25
11.400
42.9
31.3
23.600
Page 2 of 3
11-05-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
7962A Multi-Conductor - Category 5e DataTuff® 5 Million Flex Quad Cables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com