Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7962A1SW2000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 7962A1SW2000
Description  22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7962A1SW2000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  7962A1SW2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7962A1SW2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7962A1SW2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
62.5
16.500
38.4
21.6
21.500
100
21.300
35.3
17.1
20.100
Premise Cable Electrical Table 2:
Freq. (MHz) Input (Unfitted) Imp. (Ohms) Fitted Impedance Min. ACRF (dB)
1
100 ± 20.2
105 ± 10
64.0
4
100 ± 14.2
100 ± 10
52.0
10
100 ± 11.3
100 ± 10
44.0
16
100 ± 11.3
100 ± 10
39.9
20
100 ± 11.3
100 ± 10
38.0
31.25
100 ± 13.2
100 ± 10
34.1
62.5
100 ± 16.9
100 ± 10
28.1
100
100 ± 20.0
100 ± 10
24.0
Notes (Overall)
Notes: Operating temperatures are subject to length de-rating. Cable passes -40C Cold Bend per UL 1581. Limits below 4 MHz are for information only.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
7962A 1SW1000
1,000 FT
49.000 LB
GREEN, RAL 6018
PROFINET TYPE C TRAILING CABLE
7962A 1SW2000
2,000 FT
98.000 LB
GREEN, RAL 6018
PROFINET TYPE C TRAILING CABLE
Revision Number: 1
Revision Date: 10-23-2015
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Page 3 of 3
11-05-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
7962A Multi-Conductor - Category 5e DataTuff® 5 Million Flex Quad Cables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com