Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC51-CF Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC51-CF
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-CF Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SC51-CF Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
35
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Mechanical - Ground Rod Clamps
Bonding &
Grounding
Hardware
Type JAB Ground Rod Clamps
Cast of high strength corrosion resistant
copper alloy CDA955.
Hex head.
Long bearing surface of clamp on ground
wire secures ground connection.
U.L. Listed for direct burial.
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Socket
Screw
A
(Max)
Hex
Bolt
Screw
Thread
Size
B
C
D
JAB12H-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
1-19/32 2-3/32
7/16"-
14UNC
15/16"
63/64"
11/16"
100
JAB34H-DS
3/4
19.0
1/0 Str.
8 Sol.
53.4
8.3
2
2-11/32 7/16"-
14UNC
11/16"
1"
51/64"
50
JAB58H-DS
5/8
15.8
1/0 Str.
8 Sol.
53.4
8.3
1-27/32 2-13/64 7/16"-
14UNC
51/64"
7/8"
19/32"
50
Part Number
Nominal Rod
Diameter
Wire Range
Dimensions (IN)
Package
Quantity
IN
MM
Max
Min
Max
(MM2)
Min
(MM2)
A
(Max)
Bolt
Screw
Thread
Size
B
C
D
E
G3-DS
3/8
9.5
4 Str.
10 Sol.
21.6
5.2
--
5/16"-
18UNC 11/16"
1/2"
27/64"
3/8"
100
G4-DS
1/2
12.7
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 49/64" 21/32" 33/64"
1/2"
100
G5-DS
5/8
15.8
2 Str.
10 Sol.
33.6
5.2
--
3/8"-
16UNC 29/32" 19/32" 21/32"
1/2"
50
A dependable ground connection offered at a
substantial savings.
Cast of high strength corrosion-resistant
copper alloy CDA955.
Hex head bolts.
Simplified compact design will make a lasting,
trouble-free connection.
U.L. Listed for direct burial.
JAB12HDS
JAB34HDS
JAB58HDS
Type G Ground Rod Clamps
G3DS
G4DS
G5DS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com