Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC51-CF Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC51-CF
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-CF Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SC51-CF Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-CF Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
36
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Bonding and Grounding Hardware
Mechanical - Grounding Connectors and Clamps
Die Cast Zinc Water Pipe Clamp
• Budget price clamps.
• Made of die cast zinc alloy with zinc plated screws.
Part Number
Water Pipe Size
Conductor Range
Package
Quantity
Maximum
Minimum
BJ1DS
1/2"-1"
#2 Stranded
#10 Solid
250
Cast Bronze Water Pipe Clamp
• For connecting grounding conductor to water pipe or copper tube.
• Cast of high strength, highly conductive copper alloy.
• Zinc plated crews plated for corrosion resistance.
• UL listed.
Part
Number
Water
Pipe
Size
Conductor Range
Dimensions (IN)
Package
Quantity
Maximum
Minimum
A
B
C
JDS
1/2"-1"
#2 Stranded
#10 Solid
2-3/4
2-11/32 23/32
100



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com