Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4993 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2N4993
Description  Silicon bilateral switch (SBS) in package TO-92
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2N4993 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2N4993 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Planeta
JSC Planeta, 2/13, Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
E l e c t r o n i c
c o m p a n y
Ph/Fax: +7 (81622) 3-17-36, 3-32-86 E-mail: planeta@novgorod.net
http://www.novgorod.net/~planeta
2N4993
Silicon bilateral switch (SBS)
in package TO-92
2.5
0.7max
5.2
1.6
0.45max
14.5
4.2
5.2
1
2
3
Ratings
Symbol
Parameter, units
Limits
IT(rms)
DC forward anode current, mA
200
Igm
DC gate current, mA
5
IT(sm)
Peak recurrent forward current, A,
(1% duty cycle, 10
µsec pulse width)
1
P
Power dissipation, mW
300
Electrical Characteristics (TA=25°C)
Limits
Symbol
Parameter, unit, test conditions
min
max
VS
Switching voltage, V
7.5
9
IS
Switching current,
µA
250
IH
Holding current, mA
0.75
IB
Current (off-state),
µA,
VF=5V
0.1
VF
On-State voltage, V,
IF=200mA
1.7
Pinouts:
1- Anode II, 2- Gate, 3- Anode I


Similar Part No. - 2N4993

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N499 NJSEMI-2N499 Datasheet
89Kb / 1P
GERMANIUM MICRO ALLOY DIFFUSED-BASE TRANSISTOR PNP POLARITY
logo
List of Unclassifed Man...
2N4990 ETC-2N4990 Datasheet
10Kb / 1P
Silicon unilateral switch (SUS) in package TO-92
logo
General Semiconductor
2N4990 GE-2N4990 Datasheet
169Kb / 7P
SILICON UNILATERAL SWITCH
logo
New Jersey Semi-Conduct...
2N4990 NJSEMI-2N4990 Datasheet
136Kb / 1P
SUS
2N4990 NJSEMI-2N4990 Datasheet
92Kb / 1P
SILICON UNIDIRECTIONAL SWITCH
More results

Similar Description - 2N4993

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6403 NTE-NTE6403 Datasheet
22Kb / 2P
Integrated Circuit Silicon Bilateral Switch (SBS)
logo
List of Unclassifed Man...
2N4988 ETC-2N4988 Datasheet
10Kb / 1P
Silicon unilateral switch (SUS) in package TO-92
2N4991 ETC-2N4991 Datasheet
10Kb / 1P
Silicon bilateral switch (SBS) in package TO-92
2N4992 ETC-2N4992 Datasheet
9Kb / 1P
Silicon bilateral switch (SBS) in package TO-92
2N4990 ETC-2N4990 Datasheet
10Kb / 1P
Silicon unilateral switch (SUS) in package TO-92
2N4987 ETC-2N4987 Datasheet
10Kb / 1P
Silicon unilateral switch (SUS) in package TO-92
ML406 ETC1-ML406 Datasheet
121Kb / 1P
Silicon controlled rectifier (SCR) in To-92 package
logo
Powerex Power Semicondu...
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
Silicon Bilateral Switch
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
Silicon Bilateral Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com