Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817C Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # PC817C
Description  High Density DIP Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PC817C Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  PC817C Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PC817C Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PC817C Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PC817C Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photocoupler
High Density DIP Type Photocoupler
PC817 Series
Features
Current transfer ratio
( CTR: MIN. 50% at IF =5mA ,VCE=5V)
High isolation voltage between input and output
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Input Reverse voltage
VR
6
Collector - Emitter Output Voltage
VCEO
35
Emitter-Collector Output Voltage
VECO
6
Isolation Voltage
VISO
5000
Input Forward Current
IF
50
mA
Input Peak Forward Current
(Note.1)
IFM
1A
Collector Current - Continuous
IC
50
mA
Input Power Dissipation
P
70
Collector Output Power dissipation
Pc
150
Total Power Dissipation
Ptot
200
Junction Temperature
TJ
125
Soldering temperature
Tsol
260
Operating Temperature
Topr
-30to100
Storage Temperature Range
Tstg
-55to125
V
mW
Note.1:Pulse width
100ms, Duty ratio : 0.001
Vrms
Anode mark
TIGER ELECTRONIC CO.,LTD
1


Similar Part No. - PC817C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817C SHARP-PC817C Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
logo
Guangdong Kexin Industr...
PC817C KEXIN-PC817C Datasheet
1Mb / 4P
High Density Mounting Type Photocoupler
logo
First Silicon Co., Ltd
PC817C FS-PC817C Datasheet
220Kb / 4P
High Density Mounting Type Photocoupler PC817 Series
2013. 07. 30 Rev No : 0
logo
Guangdong Youtai Semico...
PC817C UMW-PC817C Datasheet
465Kb / 5P
The 817 series optocoupler is composed of a GaAs emitter and an NPN transistor.
More results

Similar Description - PC817C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817A SHARP-PC817A Datasheet
85Kb / 4P
High Density Mounting Type Photocoupler
PC818 SHARP-PC818 Datasheet
66Kb / 4P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-819 LITEON-LTV-819 Datasheet
717Kb / 5P
High Density Mounting Type Photocoupler
logo
SeCoS Halbleitertechnol...
BL817 SECOS-BL817 Datasheet
676Kb / 4P
High Density Mounting Type Photocoupler
BL817S SECOS-BL817S Datasheet
589Kb / 4P
High Density Mounting Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-817_V1 TENAND-LTV-817_V1 Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Tiger Electronic Co.,Lt...
PC817A TGS-PC817A Datasheet
173Kb / 4P
High Density DIP Type Photocoupler
PC817B TGS-PC817B Datasheet
173Kb / 4P
High Density DIP Type Photocoupler
PC817D TGS-PC817D Datasheet
173Kb / 4P
High Density DIP Type Photocoupler
logo
Lite-On Technology Corp...
LTV-817 LITEON-LTV-817_V01 Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com