Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817D Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # PC817D
Description  High Density DIP Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PC817D Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  PC817D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Photocoupler
High Density DIP Type Photocoupler
PC817 Series
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Forward Voltage
VF
IF=20mA
1.4
Input Peak Forward Voltage
VFM
IFM= 500 mA
3
Input Reverse Current
IR
VR=4V
10
uA
Collector-emittercut-off current
ICEO
VCE=20V, IE=0
10
Collector-emitter saturation voltage
VCE(sat)
IF =20mA, IC =1mA
0.1
0.2
V
Isolation resistance
RISO
DC 500V, 40 to 60% RH
5 x 10
10
10
11
Current Transfer Ratio
CTR
VCE=5V, IF= 5mA
50
600
%
Rise time
tr
418
Fall time
tf
318
Input Terminal Capacitance
Ct
30
250
Floating Capacitance
Cf
0.6
1
Cut-off frequency
fC
VCE=5V, IC=2mA,RL=100
80
KHz
V
V= 0V, f=1KHz
pF
VCE =2V, IC =2mA, RL =100
uS
Classification of CTR(%)
Type
PC817A
PC817B
PC817C
PC817D
PC817
Range
80-160
130-260
200-400
300-600
50-600
Typical Characterisitics
0
-25
30
0
25
50
75
100
125
40
50
60
20
10
Fig. 1 Forward Current vs.
Ambient Temperature
Ambient temperature Ta (
)
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com