Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817D Datasheet(PDF) 4 Page - Tiger Electronic Co.,Ltd

Part # PC817D
Description  High Density DIP Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

PC817D Datasheet(HTML) 4 Page - Tiger Electronic Co.,Ltd

  PC817D Datasheet HTML 1Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 2Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 3Page - Tiger Electronic Co.,Ltd PC817D Datasheet HTML 4Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Photocoupler
.
High Density DIP Type Photocoupler
PC817 Series
Typical Characterisitics
0
0.02
- 25
0
25
50
75
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Fig. 8 Collector-emitter Saturation Voltage vs.
Ambient Temperature
25
0
50
75
100
Fig.11 Frequency Response
Frequency f ( kHz )
-20
0
0.5
1
2
5
-10
200
100
50
20
10
500
1k
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
0.2
0.1
0.5
1
2
0.1
1
10
5
10
20
50
100
200
500
L ( k
)
Forward current I F ( mA )
0
0
1
2
3
4
5
510
6
15
7mA
Fig.12 Collector-emitter Saturation
Voltage vs. Forward Current
Test Circuit for Response Time
VCC
t
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
VCC
RL
Output
RD
Test Circuit for Frepuency Response
Ambient temperature T a (
)
f
IF = 20mA
IC = 1mA
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
10 -5
-25
VCE = 20V
Ambient temperature T a
t r
t f
t s
t d
VCE =2V
IC = 2mA
Ta =
RL = 10k
VCE =2V
1mA
3mA
5mA
Ta =
IC = 2mA
IC = 0.5mA
Ta =
Fig.10 Response Time vs. Load Resistance
Load resistance R
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com