Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS4-LED3 Datasheet(PDF) 66 Page - Lumberg

Part # SBS4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 Datasheet(HTML) 66 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 62Page - Lumberg SBS4-LED3 Datasheet HTML 63Page - Lumberg SBS4-LED3 Datasheet HTML 64Page - Lumberg SBS4-LED3 Datasheet HTML 65Page - Lumberg SBS4-LED3 Datasheet HTML 66Page - Lumberg SBS4-LED3 Datasheet HTML 67Page - Lumberg SBS4-LED3 Datasheet HTML 68Page - Lumberg SBS4-LED3 Datasheet HTML 69Page - Lumberg SBS4-LED3 Datasheet HTML 70Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
66
Mini Receptacle Connectors, Front-Mount
1 1/8”-C Body Receptacles
Receptacle Connector, 1 1/8”- C Body, Male, 9-,
10- and 12-Poles, For Front Mounting, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread 1/2” NPT Screw Connection, IP 67 Rated.
U.S. Color Code
Stranded Wire:
623 |699 | 624
IEC Color Code
Stranded Wire:
630 (11 Conductors)
RSF 100M...120M
Part No.
RSF 90M-623/1 F
RSF 100M-699/1 F
RSF 120M-624/1 F
RSF 120M-630/0.3 M
Mini Receptacle Connectors, Front-Mount
1”-B Body-Receptacles
Receptacle Connector, 1”-B Body, Female, 6- 7- and
8-Poles, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread 1/2”
NPT Screw Connection, IP 67 Rated.
US Color Code
Stranded Wire:
696 | 622 | 698
RKF 601B...901M
Part No.
RSF 601B-696/1 F
RSF 701M-622/1 F
RSF 801M-698/1 F
Receptacle Connector, 1”- B Body, Male, 6- 7- and
8-Poles, For Front Mounting, Assembled Stranded
Wire, Potted with Epoxy, Chassis Side Thread 1/2”
NPT Screw Connection, IP 67 Rated.
US Color Code
Stranded Wire:
696 | 622 | 698
RSF 60B...90M
Part No.
RSF 60B-696/1 F
RSF 70M-622/1 F
RSF 80M-698/1 F
Mini Receptacle Connectors, Front-Mount
7/8”-A Body
Receptacle Connector, 7/8”- A Body, Female, 2- 3-,
4-, 5- and 6-Poles, For Front Mounting, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread 1/2” NPT Screw Connection, IP 67 Rated.
U.S. Color Code
Stranded Wire:
678 | 638 | 639 | 677 | 697
Automotive Color Code
Stranded Wire:
641 | 642 | 690
RKF 201...601A
Part No.
RKF 201-678/1 F
RKF 301-641/1 F
RKF 301-638/1 F
RKF 501-642/1 F
RKF 401-639/1 F
RKF 501-690/1 F
RKF 501-677/1 F
RKF 601A-697/1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com