Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS4-LED3 Datasheet(PDF) 26 Page - Lumberg

Part # SBS4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 Datasheet(HTML) 26 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 22Page - Lumberg SBS4-LED3 Datasheet HTML 23Page - Lumberg SBS4-LED3 Datasheet HTML 24Page - Lumberg SBS4-LED3 Datasheet HTML 25Page - Lumberg SBS4-LED3 Datasheet HTML 26Page - Lumberg SBS4-LED3 Datasheet HTML 27Page - Lumberg SBS4-LED3 Datasheet HTML 28Page - Lumberg SBS4-LED3 Datasheet HTML 29Page - Lumberg SBS4-LED3 Datasheet HTML 30Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
26
1/2”-20-Female Straight
Actuator-/Sensor-Cordsets, Single Ended,
1/2”-20 Female Straight Connector, 3-, 4- and
5-Poles, Dual Keyway, 18 AWG Yellow PVC Cable,
IP 67 Rated.
Color Code:
Automotive
Cable Types:
18 AWG
688 | 689
= PVC, yellow
755
= TPE, yellow
Cable Types:
22 AWG
618 | 674 | 673 = PVC, yellow
664
= PUR, yellow
Color Code:
U.S.
Cable Types:
18 AWG
619
= CPE, yellow
1/2”-20-Female 90˚
Actuator-/Sensor-Cordsets, Single Ended,
1/2”-20 Female 90
˚ Connector, 3-, 4- and 5-Poles,
Dual Keyway, 18 AWG Yellow PVC Cable, IP 67 Rated.
Color Code:
Automotive
Cable Types:
18 AWG
688 | 689
= PVC, yellow
755
= TPE, yellow
Cable Types:
22 AWG
618 | 674 | 673 = PVC, yellow
664
= PUR, yellow
Color Code:
U.S.
Cable Types:
18 AWG
619
= CPE, yellow
Part No.
Part No.
RKT 3 U-618/6 F
RKT 4 U-689/6 F
RKT 3 U-618/12 F
RKT 4 U-689/12 F
RKT 3 U-618/15 F
RKT 4 U-689/15 F
RKT 3 U-618/20 F
RKT 4 U-689/20 F
RKT 3 U-619/6 F
RKT 4 U-674/6 F
RKT 3 U-619/12 F
RKT 4 U-674/12 F
RKT 3 U-619/15 F
RKT 4 U-674/15 F
RKT 3 U-619/20 F
RKT 4 U-674/20 F
RKT 3 U-688/6 F
RKT 5 U-673/6 F
RKT 3 U-688/12 F
RKT 5 U-673/12 F
RKT 3 U-688/15 F
RKT 5 U-673/15 F
RKT 3 U-688/20 F
RKT 5 U-673/20 F
RKT 3 U-664/6 F
RKT 5 U-755/6 F
RKT 3 U-664/12 F
RKT 5 U-755/12 F
RKT 3 U-664/15 F
RKT 5 U-755/15 F
RKT 3 U-664/20 F
RKT 5 U-755/20 F
Part No.
Part No.
RKWT 3 U-618/6 F
RKWT 4 U-689/6 F
RKWT 3 U-618/12 F
RKWT 4 U-689/12 F
RKWT 3 U-618/15 F
RKWT 4 U-689/15 F
RKWT 3 U-618/20 F
RKWT 4 U-689/20 F
RKWT 3 U-619/6 F
RKWT 4 U-674/6 F
RKWT 3 U-619/12 F
RKWT 4 U-674/12 F
RKWT 3 U-619/15 F
RKWT 4 U-674/15 F
RKWT 3 U-619/20 F
RKWT 4 U-674/20 F
RKWT 3 U-688/6 F
RKWT 5 U-673/6 F
RKWT 3 U-688/12 F
RKWT 5 U-673/12 F
RKWT 3 U-688/15 F
RKWT 5 U-673/15 F
RKWT 3 U-688/20 F
RKWT 5 U-673/20 F
RKWT 3 U-664/6 F
RKWT 5 U-755/6 F
RKWT 3 U-664/12 F
RKWT 5 U-755/12 F
RKWT 3 U-664/15 F
RKWT 5 U-755/15 F
RKWT 3 U-664/20 F
RKWT 5 U-755/20 F
RKT 3 U | RKT 4 U | RKT 5 U
RKWT 3 U | RKWT 4 U | RKWT 5 U
M12-Duo-Male
Actuator-/Sensor-Double Ended, M12-Duo-Male
Straight and two Open Leads, 3-Pole with Self-
Locking Threaded Joint, IP 67 Rated.
Cable Types:
632
= PVC, yellow
ASB 2
Part No.
ASB 2 4-3-632/0.3 M
ASB 2 4-3-632/0.6 M
ASB 2 4-3-632/1 M
ASB 2 4-3-632/1.5 M
ASB 2 4-3-632/2 M
ASB 2 4-3-632/5 M
1/2”-20-Round-Plug Connector
1/2”-20-Cordsets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com