Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS4-LED3 Datasheet(PDF) 130 Page - Lumberg

Part # SBS4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 Datasheet(HTML) 130 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 126Page - Lumberg SBS4-LED3 Datasheet HTML 127Page - Lumberg SBS4-LED3 Datasheet HTML 128Page - Lumberg SBS4-LED3 Datasheet HTML 129Page - Lumberg SBS4-LED3 Datasheet HTML 130Page - Lumberg SBS4-LED3 Datasheet HTML 131Page - Lumberg SBS4-LED3 Datasheet HTML 132Page - Lumberg SBS4-LED3 Datasheet HTML 133Page - Lumberg SBS4-LED3 Datasheet HTML 134Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
130
CANopen
CANopen-Devices, 8 OUT | 16 OUT | 8 IN/8 OUT, Signal Cables
0930 CSL 107
0930 CSL 114
0930 CSL 113
Part No.
0930 CSL 107
Part No.
0930 CSL 114
Part No.
0930 CSL 113
8 OUT
CANopen Device with 8 Digital Outputs (2 A) to
Connect Standarad Actuators, M12-Sockets, Rotary
Switches for Addressing, M12-Bus Connection and
7/8”-Actuator Supply.
16 OUT
CANopen Device with 16 Digital Outputs (0.5 A) to
Connect Standarad Actuators, M12-Sockets, Rotary
Switches for Addressing, M12-Bus Connection and
7/8”-Actuator Supply.
8 IN/8 OUT
CANopen Device with 8 Digital Inputs to Connect
Standard Sensors and 8 Digital Outputs (0.5 A) to
Connect Standarad Actuators, M12-Sockets, Rotary
Switches for Addressing, M12-Bus Connection and
7/8”-Actuator Supply.
0935 253 103/...M | 0935 253 104/...M | 0935 253 105/...M
Part No.
0935 253 103/0,3 M
0935 253 104/1 M
0935 253 103/0,6 M
0935 253 104/3 M
0935 253 103/1 M
0935 253 104/5 M
0935 253 103/2 M
0935 253 104/10 M
0935 253 103/3 M
0935 253 104/15 M
0935 253 103/5 M
0935 253 105/1 M
0935 253 103/10 M
0935 253 105/3 M
0935 253 103/15 M
0935 253 105/5 M
0935 253 103/20 M
0935 253 105/10 M
0935 253 103/25 M
0935 253 105/15 M
CAN-/DeviceNet-Thin Cable
0935 253 103/...M: Double-Ended with M12 Male
Connector and M12 Female Connector, 5-Poles.
0935 253 104/...M: Single-Ended with M12 Male
Connector, 5-Poles.
0935 253 105/...M: Single-Ended with M12 Female
Connector, 5-Poles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com