Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS4-LED3 Datasheet(PDF) 142 Page - Lumberg

Part # SBS4-LED3
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

SBS4-LED3 Datasheet(HTML) 142 Page - Lumberg

Back Button SBS4-LED3 Datasheet HTML 138Page - Lumberg SBS4-LED3 Datasheet HTML 139Page - Lumberg SBS4-LED3 Datasheet HTML 140Page - Lumberg SBS4-LED3 Datasheet HTML 141Page - Lumberg SBS4-LED3 Datasheet HTML 142Page - Lumberg SBS4-LED3 Datasheet HTML 143Page - Lumberg SBS4-LED3 Datasheet HTML 144Page - Lumberg SBS4-LED3 Datasheet HTML 145Page - Lumberg SBS4-LED3 Datasheet HTML 146Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
142
Industrial Ethernet
Ethernet-Accessories
0986 EMC 102
Part No.
0986 EMC 102
M12 Field Attachable, Male Straight
Field Attachable Connector, M12 Male Straight,
4-Poles with Threaded Joint, Shieldable, Assembling
with Spring-Type Terminals. IP 67 Rated.
0986 EMC 102: 4-Poles (only), D Coding,
especially designed for Industrial Ethernet and
Profinet data cable 0985 342 00/...M
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
Receptacle Connector, M12 Female, 4-Poles,
D Coding, For Front Mounting, Adjustable, Assembled
Stranded Wire, Potted with Epoxy, Chassis Side
Thread M16 x 1.5 Screw Connection
IP 67 Rated.
0986 EFC 151 A
Part No.
0986 EFC 151 A
Receptacle Connector, M12 Female, 4-Pole,
D-Coding, For Rear Mounting, Printed Contacts,
Chassis Side Thread PG 9 (Panel Nut RSKF 9).
0986 EFC 152: 4 Poles, D Coding
0986 EFC 152
Part No.
0986 EFC 152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com