Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C256L-12SC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C256L-12SC
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256L-12SC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  AS7C256L-12SC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AS7C256
AS7C256L
6
1. During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification.
2. This parameter is sampled and not 100% tested.
3. For test conditions, see AC Test Conditions, Figures A, B, C.
4. tCLZ and tCHZ are specified with CL = 5pF as in Figure C. Transition is measured ±500mV from steady-state voltage.
5. This parameter is guaranteed but not tested.
6. WE is HIGH for read cycle.
7. CE and OE are LOW for read cycle.
8. Address valid prior to or coincident with CE transition LOW.
9. All read cycle timings are referenced from the last valid address to the first transitioning address.
10. CE or WE must be HIGH during address transitions.
11. All write cycle timings are referenced from the last valid address to the first transitioning address.
Parameter
Symbol
Test Conditions
Min
Max
Unit
VCC for Data Retention
VDR
VCC = 2.0V
CE
≥ V
CC–0.2V
Vin ≥ VCC–0.2V or
Vin ≤ 0.2V
2.0
–
V
Data Retention Current
ICCDR
–
150
µA
Chip Enable to Data Retention Time
tCDR
0–
ns
Operation Recovery Time
tR
tRC
–ns
Input Leakage Current
| I
LI |
–1
µA
DATA RETENTION CHARACTERISTICS
(L Version Only)
DATA RETENTION WAVEFORM
(L Version Only)
VCC
CE
tR
tCDR
Data retention mode
4.5V
4.5V
VDR ≥ 2.0V
VIH
VIH
VDR
AS7C256-07
AC TEST CONDITIONS
255
Ω
– Output load: see Figure B,
except for tCLZ and tCHZ see Figure C.
– Input pulse level: GND to 3.0V. See Figure A.
– Input rise and fall times: 5 ns. See Figure A.
– Input and output timing reference levels: 1.5V.
5 pF*
480
Ω
Dout
GND
+5V
168
Ω
Thevenin Equivalent:
Dout
+1.728V
Figure C: Output Load for tCLZ, tCHZ
255
Ω
30 pF*
480
Ω
Dout
GND
+5V
Figure B: Output Load
*including scope
10%
90%
10%
90%
GND
+3.0V
Figure A: Input Waveform
and jig capacitance
AS7C256-08
AS7C256-09
AS7C256-10
NOTES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com