Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C256L-12SC Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C256L-12SC
Description  High Performance 32Kx8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C256L-12SC Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C256L-12SC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C256L-12SC Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ALLIANCE SEMICONDUCTOR
A
8
A
7
High Performance
32K
×8
CMOS SRAM
AS7C256
AS7C256L
32K
×8 CMOS SRAM (Common I/O)
LOGIC BLOCK DIAGRAM
FEATURES
• Organization: 32,768 words
× 8 bits
• High speed
– 10/12/15/20/25/35 ns address access time
– 3/3/4/5/6/8 ns output enable access time
• Low power consumption
– Active:
660 mW max (10 ns cycle)
– Standby:
11 mW max, CMOS I/O
2.75 mW max, CMOS I/O, L version
– Very low DC component in active power
• 2.0V data retention (L version)
• Equal access and cycle times
• Easy memory expansion with CE and OE inputs
• TTL-compatible, three-state I/O
• 28-pin JEDEC standard packages
– 300 mil PDIP and SOJ
Socket compatible with 7C512 and 7C1024
– 330 mil SOIC
–8
×13.4 TSOP
• ESD protection > 2000 volts
• Latch-up current > 200 mA
SELECTION GUIDE
PIN ARRANGEMENT
256
×128×8
ARRAY
(262,144)
INPUT BUFFER
A0
A1
A2
A3
A4
A5
A6
A14
A
9
A
10
A
11
A
12
A
13
I/O0
I/O7
Vcc
GND
OE
CE
WE
COLUMN DECODER
CONTROL
CIRCUIT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
Vcc
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
16
15
AS7C256-02
AS7C256-01
7C256-10
7C256-12
7C256-15
7C256-20
7C256-25
7C256-35
Unit
Maximum Address Access Time
10
12
15
20
25
35
ns
Maximum Output Enable Access Time
334568
ns
Maximum Operating Current
120
115
110
100
90
80
mA
Maximum CMOS Standby Current
2.0
2.0
2.0
2.0
2.0
2.0
mA
L
0.5
0.5
0.5
0.5
0.5
0.5
mA
Vcc
WE
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
DIP, SOJ, SOIC
TSOP 8
×13.4
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
AS7C256
9
8


Similar Part No. - AS7C256L-12SC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JC ALSC-AS7C256A-10JC Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JCN ALSC-AS7C256A-10JCN Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JI ALSC-AS7C256A-10JI Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C256A-10JIN ALSC-AS7C256A-10JIN Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
More results

Similar Description - AS7C256L-12SC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
32Kx8 Nonvolatile SRAM
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
CMOS 32Kx8 Low Power SRAM
August 15, 2002
logo
Samsung semiconductor
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
32Kx8 Bit High Speed CMOS Static RAM
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
32Kx8 bit Low Power CMOS Static RAM
logo
List of Unclassifed Man...
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
HIGH SPEED CMOS SRAM
HM65787 ETC1-HM65787 Datasheet
600Kb / 5P
HIGH SPEED CMOS SRAM
HM65764 ETC1-HM65764 Datasheet
734Kb / 6P
HIGH SPEED CMOS SRAM
N341256 ETC1-N341256 Datasheet
397Kb / 9P
CMOS SRAM 256K-BIT(32KX8)
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
32Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com