Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP239 Datasheet(PDF) 13 Page - Tontek Design Technology

Part # TTP239
Description  8 keys Touch Pad Detector IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP239 Datasheet(HTML) 13 Page - Tontek Design Technology

Back Button TTP239 Datasheet HTML 8Page - Tontek Design Technology TTP239 Datasheet HTML 9Page - Tontek Design Technology TTP239 Datasheet HTML 10Page - Tontek Design Technology TTP239 Datasheet HTML 11Page - Tontek Design Technology TTP239 Datasheet HTML 12Page - Tontek Design Technology TTP239 Datasheet HTML 13Page - Tontek Design Technology TTP239 Datasheet HTML 14Page - Tontek Design Technology TTP239 Datasheet HTML 15Page - Tontek Design Technology TTP239 Datasheet HTML 16Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TTP239
2016/3/7
Page 13 of 16
Version:1.1
Application circuit
SDO
SDA
TPQ3
TPQ2
VDD
VREG
TPQ4
TPQ5
SCL
TP0
TP1
TP2
TP3
TP4
TP5
TP6
TP7
TCP239
T6
T5
T4
T3
T2
T1
22
Cs3
K3
Cs2
K2
Cs1
K1
Cs0
K0
VDD
C1
104
21
20
19
18
17
16
15
14
23
24
25
26
27
28
29
30
31
32
1
8
7
6
5
4
3
2
13
12
11
10
9
ELECTRODE
Cs7
Cs6
Cs5
Cs4
K7
K6
K5
K4
P.S.:
1. On PCB, the length of lines from touch pad to IC pin shorter is better.
And the lines do not parallel and cross with other lines.
2. The power supply must be stable. If the supply voltage drift or shift quickly, maybe causing
sensitivity anomalies or false detections.
3. The material of panel covering on the PCB can not include the metal or the electric element.
The paints on the surfaces are the same.
4. The C1 capacitor must be used between VDD and VSS; and should be routed with very short
tracks to the device’s VDD and VSS pins (TTP239).
5. The capacitance Cs0~Cs7 can be used to adjust the sensitivity. The value of Cs0~Cs7 use
smaller, then the sensitivity will be better. The sensitivity adjustment must according to the
practical application on PCB. The range of Cs0~Cs7 value are 1~50pF.
6. The sensitivity adjustment capacitors(Cs0~Cs7)must use smaller temperature coefficient and
more stable capacitors. Such are X7R, NPO for example. So for touch application, recommend to
use NPO capacitor, for reducing that the temperature varies to affect sensitivity.
7. When the system doesn’t use the serial output interface for TTP239, the SCL pin of TTP239 must
be connected to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com