Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTP239 Datasheet(PDF) 3 Page - Tontek Design Technology

Part # TTP239
Description  8 keys Touch Pad Detector IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP239 Datasheet(HTML) 3 Page - Tontek Design Technology

  TTP239 Datasheet HTML 1Page - Tontek Design Technology TTP239 Datasheet HTML 2Page - Tontek Design Technology TTP239 Datasheet HTML 3Page - Tontek Design Technology TTP239 Datasheet HTML 4Page - Tontek Design Technology TTP239 Datasheet HTML 5Page - Tontek Design Technology TTP239 Datasheet HTML 6Page - Tontek Design Technology TTP239 Datasheet HTML 7Page - Tontek Design Technology TTP239 Datasheet HTML 8Page - Tontek Design Technology TTP239 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TTP239
2016/3/7
Page 3 of 16
Version:1.1
15
VREG
P
Internal regulator output pin
16
TPQ2
O
Direct output for TP2 touch input pin
17
TPQ3
O
Direct output for TP3 touch input pin
18
SDA
I/OD
Data pin for the I2C-bus serial data interface
19
SDO
O
Data pin for the 2-wires serial output
Option active Low/High by SAHL
20
SCL
I
Serial clock input pin for serial type
At 2-wires serial type can be set active Low/High by SAHL
When does not use serial interface type, the SCL pin must
be connected to VDD or VSS, it does not float
21
TPQ4
O
Direct output for TP4 touch input pin
22
TPQ5
O
Direct output for TP5 touch input pin
23
TPQ6
O
Direct output for TP6 touch input pin
24
TPQ7
O
Direct output for TP7 touch input pin
25
VSS
P
Negative power supply, ground
26
SAHL
I-PH
Output active high or low option
1(Default)=>active-high for TPQ0~7, active-low for 2-wires
serial type(SCL and SDO)
0=>active-low for TPQ0~7, active-high for 2-wires serial
type(SCL and SDO)
27
A0
I-PH
A0 is input pin for the I2C-bus device address selection I2C
ID Address=1010 10X, default:1
28
SM
I-PH
Multi-key/Single-key option
1(Default)=>Multi-key mode; 0=>Single-key mode
29
LVREN
I-PH
LVR function enable/disable option
1(Default)=>enable; 0=>disable
30
MOT1
I-PH
31
MOT0
I-PH
Key maximum on time function option, 11(Default)
MOT0 MOT1
Maximum on time
1
1
Infinite
0
1
16sec
1
0
64sec
0
0
120sec
32
SLSERT
I-PH
The option pin for serial output type selection, Defaut:1
Pin Type
I
CMOS input only
I-PH
CMOS input and pull-high resister
O
CMOS push-pull output
I-PL
CMOS input and pull-low resister
I/O
CMOS I/O
OD
Open drain output
P
Power/Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com