Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N45 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 4N45
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

4N45 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  4N45 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 4N45 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
4N45
DESCRIPTION
·Drain Current ID= 4A@ TC=25℃
·Drain Source Voltage-
: VDSS= 450V(Min)
·Fast Switching Speed
APPLICATIONS
·General purpose power amplifier
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
450
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
4
A
ID(puls)
Pulse Drain Current
10
A
Ptot
Total Dissipation@TC=25℃
75
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
3
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 4N45

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
High Gain Darlington Output Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
4N45 AVAGO-4N45 Datasheet
477Kb / 11P
Gain-bandwidth adjustment pin
logo
Inchange Semiconductor ...
4N45-220 ISC-4N45-220 Datasheet
165Kb / 2P
isc N-Channel MOSFET Transistor
4N45-TO-3 ISC-4N45-TO-3 Datasheet
160Kb / 2P
isc N-Channel MOSFET Transistor
logo
Agilent(Hewlett-Packard...
4N45300 HP-4N45300 Datasheet
227Kb / 7P
High Gain Darlington Output Optocouplers
More results

Similar Description - 4N45

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com