Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX20002
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products MAX20002 Datasheet HTML 9Page - Maxim Integrated Products MAX20002 Datasheet HTML 10Page - Maxim Integrated Products MAX20002 Datasheet HTML 11Page - Maxim Integrated Products MAX20002 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
2V/div
0
5A/div
toc23
20ms
VOUT
ILX
VPGOOD
SHORT CIRCUIT
(PWM MODE)
0
0
5V/div
500mV/div
(AC-
COUPLED)
0
1A/div
toc22
100µs
VOUT
IOUT
LOAD TRANSIENT
(PWM MODE)
10V/div
5V/div
10V/div
toc19
10ms
VIN
VOUT
DIPS AND DROPS
VLX
VPGOOD
0
0
0
0
5V/div
5V/div
2V/div
2V/div
toc20
400ms
VIN
VOUT
VPGOOD
COLD CRANK
5V/2.2MHz
0
10V/div
0
5V/div
toc21
100ms
VOUT
VIN
LOAD DUMP
0
10V/div
0
toc18
200ns
VLX
VFSYNC
SYNC FUNCTION
0
5V/div
5V/div
100V/div
1V/div
toc16
100nF
FULL-LOAD
STARTUP BEHAVIOR
10V/div
5V/div
1A/div
2ms
VIN
ILOAD
VOUT
VPGOOD
0
0
0
0
10V/div
5V/div
1V/div
toc17
4s
VIN
VOUT
SLOW VIN
RAMP BEHAVIOR
ILOAD
0
0
0
0
VPGOOD
2A/div
5V/div
Maxim Integrated │ 8
www.maximintegrated.com
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current
Typical Operating Characteristics (continued)
(VSUP = VSUPSW = 14V, VEN = 14V, VOUT = 5V, VFSYNC = 0V, RFOSC = 12kΩ, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com