Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20002 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX20002
Description  36V, 220kHz to 2.2MHz, 2A/3A Fully Integrated Step-Down Converters with 15關A Operating Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20002 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX20002 Datasheet HTML 1Page - Maxim Integrated Products MAX20002 Datasheet HTML 2Page - Maxim Integrated Products MAX20002 Datasheet HTML 3Page - Maxim Integrated Products MAX20002 Datasheet HTML 4Page - Maxim Integrated Products MAX20002 Datasheet HTML 5Page - Maxim Integrated Products MAX20002 Datasheet HTML 6Page - Maxim Integrated Products MAX20002 Datasheet HTML 7Page - Maxim Integrated Products MAX20002 Datasheet HTML 8Page - Maxim Integrated Products MAX20002 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Electrical Characteristics (continued)
VSUP = VSUPSW = 14V, VEN = 14V, L1 = 2.2µH, CIN = 4.7µF, COUT = 44µF, CBIAS = 2.2µF, CBST = 0.1µF, RFOSC = 12kΩ, TA = TJ =
-40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.
Note 2: Device not in dropout condition.
Note 3: Guaranteed by design; not production tested.
Note 4: Contact the factory for SYNC frequency outside the specified range.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator Frequency
RFOSC = 73.2kΩ
400
kHz
RFOSC = 12kΩ
2.0
2.2
2.4
MHz
SYNC, EN, AND SPS LOGIC THRESHOLDS
External Input Clock Acquisition
Time
tFSYNC
1
Cycle
External Input Clock Frequency
RFOSC = 12kΩ (Note 4)
1.8
2.6
MHz
External Input Clock High
Threshold
VFSYNC_HI VFSYNC rising
1.4
V
External Input Clock Low
Threshold
VFSYNC_LO VFSYNC falling
0.4
V
FSYNC Leakage Current
TA = +25°C
1
µA
Soft-Start Time
tSS
5.6
8
12
ms
Enable Input High Threshold
VEN_HI
2.4
V
Enable Input Low Threshold
VEN_LO
0.6
V
Enable Threshold-Voltage
Hysteresis
VEN_HYS
0.2
V
Enable Input Current
IEN
TA = +25°C
0.1
1
µA
Spread-Spectrum Input High
Threshold
VSPS_HI
2.0
V
Spread-Spectrum Input Low
Threshold
VSPS_LO
0.4
V
Spread-Spectrum Input Current
ISPS
TA = +25°C
0.1
1
µA
POWER-GOOD AND OVERVOLTAGE-PROTECTION THRESOLDS
PGOOD Switching Level
VRISING
VFB rising, VPGOOD = high
93
95
97
%VFB
VFALLING VFB falling, VPGOOD = low
90
92.5
95
PGOOD Debounce Time
25
µs
PGOOD Output Low Voltage
ISINK = 5mA
0.4
V
PGOOD Leakage Current
VOUT in regulation, TA = +25°C
1
µA
Overvoltage Protection
Threshold
VOUT rising (Monitor FB pin)
107
%
VOUT falling (Monitor FB pin)
104
VOUT rising (Monitor FB pin)
(MAX20002C/MAX20003C only)
105
VOUT falling (Monitor FB pin)
(MAX20002C/MAX20003C only)
103
www.maximintegrated.com
Maxim Integrated │ 5
MAX20002/MAX20003
36V, 220kHz to 2.2MHz, 2A/3A Fully
Integrated Step-Down Converters
with 15μA Operating Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com