Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N65 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 9N65
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

9N65 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  9N65 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 9N65 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
9N65
·DESCRIPTION
·Drain Current ID= 9A@ TC=25℃
·Drain Source Voltage-
: VDSS= 650V(Min)
·Fast Switching Speed
·APPLICATIONS
·General purpose power amplifier
·ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
650
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
9
A
ID(puls)
Pulse Drain Current
36
A
Ptot
Total Dissipation@TC=25℃
125
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.67
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 9N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N65 UTC-9N65 Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
9N65 VBSEMI-9N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
9N65A YFWDIODE-9N65A Datasheet
961Kb / 6P
9A 650V N-channel enhancement mode field effect transistor
logo
VBsemi Electronics Co.,...
9N65CTI VBSEMI-9N65CTI Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
logo
Unisonic Technologies
9N65G-TA3-T UTC-9N65G-TA3-T Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 9N65

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com