Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1837 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1837
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1837 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1837 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
R
2SA1837
201312B
2
/4
ELECTRICAL CHARACTERISTIC
ELECTRICAL CHARACTERISTICS (curves)
Parameter
Tests conditions
Value(min)
Value(typ) Value(max)
Unit
ICBO
VCE=-230V,IE=0
-
-
-1.0
A
IEBO
VEB=-5V,IC=0
-
-
-1.0
A
V(BR)CEO
Ic=-10mA,IB=0
-230
-
-
V
hFE
VCE=-5V,IC=0.1A
100
160
270
-
VCE(sat)
IC=-0.5A,IB=-0.05A
-
-
-1.5
V
VBE ON
VCE=-5V,IC=-0.5A
-
-
-1.0
V
fT
VCE=-10V, Ic=-0.1A,
-
70
-
MHz
Cob
VCB=-10V,IE=0,f=1MHz
-
30
-
pF
hFE – IC
VCE(sat)- IC
COLLECTOR CURRENT
IC
A
CASE TEMPERATURE
TC
Vce=-5V
Common emitter
IC/IB = 10
Single pulse test
Tc=25
Tc=25
Tc=125
COLLECTOR CURRENT
IC
A
IC- VBE
Tc=125
Tc=125
Tc=25
Common emitter
Vce=--5V
BASE-EMITTER VOLTAGE
VBE
V
PC-TC
Infinite heat sink



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com