Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1837 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1837
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1837 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1837 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1837 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
201312B
1
/4
PNP
PNP Epitaxial Silicon Transistor
NPN
2SA1837
Order codes
Marking
Halogen Free
Package
Packaging
2SA1837-O-MF-N-B
2SA1837
NO
TO-220MF
Tube
ABSOLUTE RATINGS (Tc=25℃ unless otherwise noted)
THERMAL CHARACTERISTIC
Parameter
Symbo
min
max
Unit
Thermal Resistance Junction Ambient TO-220MF Rth(j-a)
-
62.5
/W
Thermal Resistance Junction Case
TO-220MF
Rth(j-c)
-
6.25
/W
Parameter
Symbol
Value
Unit
—
Collector- Emitter Voltage
VCBO
-230
V
—
Collector- Emitter Voltage
IB=0
VCEO
-230
V
—
Emitter-Base Voltage
VEBO
-5
V
Collector Current
DC
IC
-1
A
Base Current
IB
-0.1
A
Collector Dissipation(Ta=25
)
2.0
W
Collector Dissipation(Tc=25
)
PC
20
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55~+150
Package
TO-220MF
ORDER MESSAGE
APPLICATIONS
Power Amplifier Applications
VCEO=-230V (min)
2SC4793
fT=70MHz(Typ.)
RoHS
FEATURES
High collector voltage VCEO=-230V (min)
Complementary to 2SC4793
High transition frequency
:fT=70MHz(Typ.)
RoHS product


Similar Part No. - 2SA1837

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1837 TOSHIBA-2SA1837 Datasheet
148Kb / 2P
TRANSISTOR (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1837 UTC-2SA1837 Datasheet
108Kb / 3P
POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1837 TOSHIBA-2SA1837 Datasheet
115Kb / 4P
Power Amplifier Applications
logo
Inchange Semiconductor ...
2SA1837 ISC-2SA1837 Datasheet
88Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1837 SAVANTIC-2SA1837 Datasheet
245Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1837

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com