Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1943 Datasheet(PDF) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1943
Description  Power Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1943 Datasheet(HTML) 6 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1943 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
R
版本:201603A
特征曲线
ELECTRICAL CHARACTERISTICS (
Saturation Voltage
Collector corrent I
Collector corrent IC
Power Derating
Case temperature TC
Common emitter
IC/IB = 5
Single pulse test
Base-Emitter Voltage
Tc=150℃
Tc=150℃
Tc=25℃
2SA1943
ELECTRICAL CHARACTERISTICS (2SA1943C curves)
Saturation Voltage
Collector corrent IC (A)
(A)
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
Safe Operating Area
TC=25℃ DC Operation
Derating
C(℃)
Common emitter
IC/IB = 5
Single pulse test
Emitter Voltage
DC Current Gain
Collector corrent I
Tc=25℃
Common emitter
VCE = 5 V Single pulse test
Tc=1
Tc=25℃
Infinite heat sink
Collector-emitter voltage V
A1943 SERIES
6/8
curves)
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
Safe Operating Area
DC Current Gain
Collector corrent IC (A)
= 5 V
Single pulse test
=150℃
emitter voltage VCE (V)
1ms
10ms
100ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com