Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1943 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SA1943
Description  Power Amplifier Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SA1943 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SA1943 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SA1943 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201603A
1/8
PNP 硅外延晶体管
PNP Epitaxial Silicon Transistor
2SA1943 SERIES
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen
Free
封
装
Package
包
装
Packaging
器件重量
Weight
2SA1943-O-AL-N-D
2SA1943
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SA1943-O-AL-N-B
2SA1943
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SA1943-O-AB -N-B
2SA1943
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SA1943A-O-AL-N-D
2SA1943
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SA1943A-O-AL-N-B
2SA1943
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SA1943A-O-AB -N-B
2SA1943
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SA1943B -O-AL-N-B
2SA1943
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SA1943B -O-AL-N-D
2SA1943
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SA1943B-O-AB -N-B
2SA1943
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SA1943C -O-AL-N-B
2SA1943
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SA1943C -O-AL-N-D
2SA1943
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SA1943C-O-AB -N-B
2SA1943
否
NO
TO-3PB
条管 Tube
6.03g(typ)
封装 Package
TO-3PL(T)
TO-3PB
订货信息 ORDER MESSAGE
用途
应用于功率放大器
APPLICATIONS
Power Amplifier Applications
产品特性
高集电极电压:VCEO=230V (min)
VCEO=250V (min)
与 2SC5200 互补
推荐用于 100W 音响频率放大器输出电路
环保(RoHS)产品
FEATURES
High collector voltage:VCEO=230V (min)
VCEO=250V (min)
Complementary to 2SC5200
Recommended for 100W audio frequency
amplifier output
RoHS product
1
基极 BASE
3
发射极 EMITTER
2
集电极(热沉)COLLECTOR (HEAT SINK)


Similar Part No. - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
148Kb / 2P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Unisonic Technologies
2SA1943 UTC-2SA1943 Datasheet
112Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SA1943 FAIRCHILD-2SA1943 Datasheet
215Kb / 6P
PNP Epitaxial Silicon Transistor
logo
Toshiba Semiconductor
2SA1943 TOSHIBA-2SA1943 Datasheet
142Kb / 5P
Power Amplifier Applications
logo
Savantic, Inc.
2SA1943 SAVANTIC-2SA1943 Datasheet
221Kb / 4P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1943

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com