Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC5200A
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R
2SC5200A
版本:201602B
2/5
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃ unless otherwise noted)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbo
最小值
min
最大值
max
Unit
结到管壳的热阻 Thermal Resistance Junction Case TO-247
Rth(j-c)
-
1.042
℃/W
结到管壳的热阻 Thermal Resistance Junction Case TO-3PL(T) Rth(j-c)
-
0.781
℃/W
Parameter
Symbol
Value
Unit
集电极—基极直流电压
Collector- Base Voltage
VCBO
230
V
集电极—发射极直流电压
Collector- Emitter Voltage
VCEO
230
V
发射极—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极电流
Collector Current
IC
15
A
最大基极电流
Base Current
IB
1.5
A
最大集电极耗散功率 TO-247
Collector Dissipation(Tc=25℃)
PC
120
W
最大集电极耗散功率 TO-3PL
Collector Dissipation(Tc=25℃)
PC
160
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-65~150
Parameter
测试条件
Tests conditions
最小值
Value(min)
典型值
Value(typ)
最大值
Value(max)
单位
Unit
ICBO
VCB=230V,IE=0
-
-
5.0
μA
IEBO
VEB=5V,IC=0
-
-
5.0
mA
V(BR)CEO
Ic=50mA,IB=0
230
-
-
V
hFE
VCE=5V,IC=1.0A
80
-
160
-
VCE=5V,IC=7.0A
35
-
-
-
VCE(sat)
IC=8.0A,IB=0.8A
-
-
3.0
V
VBE
VCE=5V,IC=7.0A
-
-
1.5
V
fT
VCE=5V, Ic=1.0A
30
-
-
MHz
COb
VCE=10V, IE =0,f=1MHz
-
145
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com