Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC5200A
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201602B
1/5
NPN 三重扩散晶体管
Silicon NPN Triple Diffused Transistor
2SC5200A
订 货 型 号
Order codes
Marking
无卤素
Halogen
Free
Package
Packaging
器件重量
Weight
2SC5200A-O-AL-N-D
2SC5200
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SC5200A-O-AL-N-B
2SC5200
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SC5200A-O-W -N-B
2SC5200
NO
TO-247
条管 Tube
6.03g(typ)
封装 Package
TO-3PL(T)
TO-247
订货信息 ORDER MESSAGE
用途
 应用于功率放大器
APPLICATIONS
Power Amplifier Applications
产品特性
高集电极电压:VCEO=230V (min)
与 2SA1943A 互补
推荐用于 100W 高保真音响频率放大器输出电路
环保(RoHS)产品
FEATURES
High collector voltage:VCEO=230V (min)
Complementary to 2SA1943A
Recommended for 100-W high-fidelity audio
frequency amplifier output
RoHS product
1
基极 BASE
2
集电极(热沉)COLLECTOR (HEAT SINK)
3
发射极 EMITTER


Similar Part No. - 2SC5200A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
2SC5200A-O-AB-N-B JSMC-2SC5200A-O-AB-N-B Datasheet
571Kb / 8P
Silicon NPN Triple Diffused Transistor
2SC5200A-O-AL-N-B JSMC-2SC5200A-O-AL-N-B Datasheet
571Kb / 8P
Silicon NPN Triple Diffused Transistor
2SC5200A-O-AL-N-D JSMC-2SC5200A-O-AL-N-D Datasheet
571Kb / 8P
Silicon NPN Triple Diffused Transistor
More results

Similar Description - 2SC5200A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com