Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE506C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE506C
Description  300mA Low Consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE506C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE506C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE506C
300mA Low Consumption Linear Regulator
VER 1.4
2
Packaging Type
SOT-23-3L
TSOT-23-3
SOT-23-5
SOT-89-3
3
1
2
1
2
3
SOT-23-3L/TSOT-23-3
SOT-23-5
SOT-89-3
Description
Function
2
3
3
VOUT
Output pin
3
2
2
VDD
Input Pin
1
1
1
VSS
Ground Pin
4
NC
5
NC
Ordering information
ACE506C XX XX + H
Block Diagram
BMS: TSOT-23-3
BM : SOT-23-3L
BN : SOT-23-5
AM: SOT-89-3
Output Voltage:1.2V/1.5V…..3.6V
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com