Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE506C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE506C
Description  300mA Low Consumption Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE506C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE506C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE506C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE506C
300mA Low Consumption Linear Regulator
VER 1.4
3
Recommended Work Conditions
Item
Min
Input Voltage Range
Max. 8V
Ambient Temperature
-40
OC ~85 OC
Electrical Characteristics
(Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VDD
8
V
Output
Voltage
VOUT >1.5V
VOUT
VDD=Set VOUT+1V
1mA≤I
OUT
≤10mA
VOUT
X0.98
VOUT
VOUT
X1.02
V
VOUT<=1.5V
VOUT
-0.03
VOUT
VOUT
+0.03
V
Maximum Output Current
IOUT (Max.)
(Note 4)
VDD-VOUT=1V
300
mA
Dropout Voltage
VDROP
IOUT=150mA
VOUT=3.0V
280
mV
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
IOUT=10mA
4V≤V
DD
≤6V
0.05
0.2
%/V
Load Regulation
ΔV
OUT
VDD=Set VOUT+1V
1mA≤I
OUT
≤300mA
150
mV
Supply Current
IS
VDD=Set VOUT+1V
VOUT Floating
2
3
uA
Output Voltage
Temperature Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=10mA
±100
ppm/
OC
Ripple Rejection
PSRR
f=100Hz,
Ripple=0.5Vp-p,
VDD=Set VOUT+1V
60
dB
Output Noise
en
BW=10Hz~100KHz
44
uVrms
Note: The maximum power rating of each package is a constant, so along with the change of ILOAD, the VDD -VOUT should be
controlled to a certain range to ensure the normal operation.
Typical Application Circuit
ACE506C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com