Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECG014 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ECG014
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG014 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ECG014 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
August 2004
ECG014
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Outline Drawing
Land Pattern
Thermal Specifications
Parameter
Rating
Operating Case Temperature
-40 to +85
° C
Thermal Resistance, Rth
(1)
128
° C / W
Junction Temperature, Tjc
(2)
149
° C
Notes:
1. The thermal resistance is referenced from the
junction-to-case at a case temperature of 85
° C.
2. This corresponds to the typical biasing condition of
+5V, 100 mA at an 85
° C case temperature. A
minimum MTTF of 1 million hours is achieved for
junction temperatures below 247
° C.
Product Marking
The component will be marked with an “E014”
designator with an alphanumeric lot code on the
top surface of the package.
Tape and reel specifications for this part are
located on the website in the “Application Notes”
section.
ESD / MSL Information
ESD Rating: Class 1B
Value:
Passes between 500 and 1000V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating: Level 3 at +235
° C convection reflow
Standard:
JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper
performance of this device.
Vias should use
a .35mm (#80 / .0135”) diameter drill and have a
final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and
outer layers near the part to ensure optimal
thermal performance.
3. Mounting screws can be added near the part to
fasten the board to a heatsink. Ensure that the
ground / thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the
PC board in the region where the board contacts
the heatsink.
5. RF trace width depends upon the PC board
material and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches).
Angles are in degrees.
MTTF vs. GND Tab Temperature
100
1000
10000
100000
60
70
80
90
100
110
120
Tab Temperature (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com