Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECG014 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECG014
Description  0.2 Watt, High Linearity InGaP HBT Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECG014 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECG014 Datasheet HTML 1Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 2Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 3Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 4Page - List of Unclassifed Manufacturers ECG014 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
.
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
August 2004
ECG014
0.2 Watt, High Linearity InGaP HBT Amplifier
Product Information
The Communications Edge
TM
Typical Device Data
S-parameters (Vdevice = +5V, Icc = 100 mA, 25° C, unmatched 50 ohm system)
0
0.5
1
1.5
2
Frequency (GHz)
Gain / Maximum Stable Gain
10
15
20
25
30
DB(|S[2,1]|)
DB(GMax)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S11
Swp Max
2.01283GHz
Swp Min
0.01483GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
S22
Swp Max
2.01283GHz
Swp Min
0.01483GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in blue color. For a tuned circuit for a particular frequency, it is expected that
actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The impedance plots are shown from 50 – 2500 MHz, with markers placed at 0.25 – 2 GHz in 0.25 GHz increments.
S-Parameters (Vdevice = +5 V, Icc = 100 mA, T = 25° C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-5.21
-158.20
27.34
141.96
-32.11
16.29
-6.58
-132.30
100
-4.92
-170.08
25.32
144.95
-31.61
9.45
-7.49
-157.02
200
-4.72
-177.73
24.15
138.50
-31.37
6.88
-7.96
-171.72
400
-4.31
173.22
22.43
118.30
-30.63
7.98
-8.46
178.73
600
-4.10
163.26
20.91
100.56
-30.32
5.52
-8.81
174.06
800
-4.19
152.57
19.68
85.04
-29.78
2.65
-9.07
171.40
1000
-4.63
140.41
18.82
69.98
-29.74
-2.18
-9.12
169.67
1200
-5.64
126.43
18.35
54.85
-29.31
-11.26
-8.95
170.98
1400
-7.84
109.08
18.13
38.12
-29.86
-26.72
-8.04
175.14
1600
-13.52
83.27
18.12
17.54
-31.16
-52.52
-6.16
179.09
1800
-19.89
-85.25
17.78
-7.75
-34.99
-105.12
-3.43
176.43
2000
-6.99
-131.98
16.44
-37.07
-34.48
161.53
-1.36
164.56
2200
-2.84
-160.75
14.09
-64.48
-29.33
106.22
-0.69
149.67
2400
-1.18
177.40
10.90
-86.11
-26.64
75.52
-0.93
136.25
2500
-0.78
167.87
9.28
-96.04
-25.96
66.16
-1.28
130.16
Device S-parameters are available for download off of the website at: http://www.wj.com
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek, 4 - layer, 1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning shunt capacitors.
The markers and vias are spaced in .050” increments.
C7/C8 are for 900 MHz matching circuits and C9/C12 are for 1900 MHz matching circuits.
C8
C7
C9
C12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com