Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684CL-XXX/WM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684CL-XXX/WM
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CL-XXX/WM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP684CL-XXX/WM Datasheet HTML 1Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 2Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 3Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 4Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 5Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 6Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 7Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 8Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
General Description (Continued)
It is a fully static part fabricated using double-metal silicon
gate microCMOS technology Features include an 8-bit
memory mapped architecture MICROWIREPLUS serial
IO two 16-bit timercounters supporting three modes
(Processor Independent PWM generation External Event
counter and Input Capture mode capabilities) and two pow-
er savings modes (HALT and IDLE) both with a multi-
sourced wakeupinterrupt capability This multi-sourced in-
terrupt capability may also be used independent of the
HALT or IDLE modes Each IO pin has software selectable
configurations The device operates over a voltage range of
25V to 6V High throughput is achieved with an efficient
regular instruction set operating at a maximum of 1 ms per
instruction rate
Connection Diagrams
Plastic Chip Carrier
TLDD9766 – 2
Top View
Order Number COP688CL-XXXV COP888CL-XXXV
COP988CL-XXXV or COP988CLH-XXXV
See NS Plastic Chip Package Number V44A
Dual-In-Line Package
TLDD9766 – 4
Top View
Order Number COP688CL-XXXN COP888CL-XXXN
COP988CL-XXXN or COP988CLH-XXXN
See NS Molded Package Number N40A
Dual-In-Line Package
TLDD9766 – 5
Top View
Order Number COP688CL-XXXN COP884CL-XXXN
COP984CL-XXXN or COP984CLH-XXXN
See NS Molded Package Number N28B
Order Number COP684CL-XXXWM
COP884CL-XXXWM COP984CL-XXXWM
or COP984CLHXXXWM
See NS Surface Mount Package Number M28B
FIGURE 2 Connection Diagrams
http
www nationalcom
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com