Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP684CL-XXX/WM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP684CL-XXX/WM
Description  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP684CL-XXX/WM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button COP684CL-XXX/WM Datasheet HTML 5Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 6Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 7Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 8Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 9Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 10Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 11Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 12Page - National Semiconductor (TI) COP684CL-XXX/WM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DC Electrical Characteristics b55 C s TA s a25 C unless otherwise specified (Continued)
Parameter
Conditions
Min
Typ
Max
Units
Allowable SinkSource
Current per Pin
D Outputs (Sink)
12
mA
All others
25
mA
Maximum Input Current
150
mA
without Latchup (Note 4)
RAM Retention Voltage Vr
500 ns Rise
20
V
and Fall Time (Min)
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Note 1
Rate of voltage change must be less then 05 Vms
Note 2
Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open
Note 3
The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L and G ports in the TRI-
STATE mode and tied to ground all outputs low and tied to ground The Clock Monitor and the comparators are disabled
AC Specifications for COP688CL
AC Electrical Characteristics b55 C s TA s a125 C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (tc)
Crystal Resonator or
VCC t 45V
1DC
m
s
External Oscillator
RC Oscillator (div-by 10)
VCC t 45V
3
DC
m
s
Inputs
tSETUP
VCC t 45V
200
ns
tHOLD
VCC t 45V
60
ns
Output Propagation Delay (Note 5)
RL e 22k CL e 100 pF
tPD1 tPD0
SO SK
VCC t 45V
07
m
s
All Others
VCC t 45V
1
m
s
MICROWIRE Setup Time (tUWS)20
ns
MICROWIRE Hold Time(tUWH)56
ns
MICROWIRE Output Propagation Delay (tUPD)
220
ns
Input Pulse Width
Interrupt Input High Time
1
tc
Interrupt Input Low Time
1
tc
Timer Input High Time
1
tc
Timer Input Low Time
1
tc
Reset Pulse Width
1
m
s
Note 4
Pins G6 and RESET are designed with a high voltage input network for factory testing These pins allow input voltages greater than VCC and the pins will
have sink current to VCC when biased at voltages greater than VCC (the pins do not have source current when biased at a voltage below VCC) The effective
resistance to VCC is 750X (typical) These two pins will not latch up The voltage at the pins must be limited to less than 14V
Note 5
The output propagation delay is referenced to the end of the instruction cycle where the output change occurs
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com