Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FT1T3 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT1T3
Description  AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT1T3 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT1T3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
3FT1T3
版本:
201510B
2/6
绝对最大额定值
ABSOLUTE RATINGS (TC=25℃)
项
目
Parameter
符
号
Symbol
试 验 条 件
Condition
数 值
Value
单位
Unit
重复峰值断态电压
Repetitive peak off-state voltage
VDRM
±
600
±
800
V
通态方均根电流
On-state RMS current IT(RMS) full sine wave
1.0
A
full sine wave ,t=20ms
16
A
非重复浪涌峰值通态电流
Non-
repetitive surge peak on-state current
ITSM
full sine wave ,t=16.7ms
17.6
A
I2t
t=10ms
1.28
A2s
通态电流临界上升率
Repetitive rate of
rise of on-state current after triggering
dI/dt
MT1(-),MT2(+),G(+);
MT1(-),MT2(+),G(-);
MT1(+),MT2(-),G(-)
50
A/μs
峰值门极电流
Peak gate current
IGM
2
A
平均门极功率
Average gate power
PG(AV)
0.1
W
存储温度
Storage temperature
Tstg
-40~150 ℃
操作结温
Operation junction temperature
TVJ
-40~125 ℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com