Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3FT1T3 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT1T3
Description  AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT1T3 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT1T3 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT1T3 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201510B
1/6
双向晶闸管
TRIACS
3FT1T3
主要参数
MAIN CHARACTERISTICS
IT(RMS)
1.0A
VDRM
600V/800V
IGT
5mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
玻璃钝化芯片,高
可靠性和一致性
Glass-passivated mesa
chip for reliability and
uniform
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
环保 RoHS 产品
RoHS products
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
门极
G
3
主电极
2
MT2
订货信息
ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
3FT1T3-O-T-N-C
3FT1T3
TO-92
袋装
Bag
3FT1T3-O-T-B-A
3FT1T3
TO-92
编带
Tape
TO-92


Similar Part No. - 3FT1T3

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT1T1-O-T-N-C JSMC-3FT1T1-O-T-N-C Datasheet
264Kb / 5P
AC switching
More results

Similar Description - 3FT1T3

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com