Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS Datasheet(PDF) 9 Page - LEM

Part # CAS
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS Datasheet(HTML) 9 Page - LEM

Back Button CAS Datasheet HTML 5Page - LEM CAS Datasheet HTML 6Page - LEM CAS Datasheet HTML 7Page - LEM CAS Datasheet HTML 8Page - LEM CAS Datasheet HTML 9Page - LEM CAS Datasheet HTML 10Page - LEM CAS Datasheet HTML 11Page - LEM CAS Datasheet HTML 12Page - LEM CAS Datasheet HTML 13Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Page 9/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CAS series
Typical performance characteristics CAS 25-NP
Figure 13: Linearity error
Figure 14: Frequency response
Figure 15: Step response
Figure 16: Step response
Figure 17: Input referred noise
Figure 18: dv/dt
-0.1
-0.05
0
0.05
0.1
-25
0
25
IP (A)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
100
1000
10000 100000 1000000
Frequency (Hz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
Relative
Sensitivity
Phase
IP = 25 A
-800
-600
-400
-200
0
200
400
600
800
-1
0
1
2
3
4
5
t (µs)
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VP
VOUT
20 kV/μs
-4.2
0.0
4.2
8.3
12.5
16.7
20.8
25.0
29.2
-0.5
0
0.5
1
1.5
2
t (µs)
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
IP
VOUT
IP = 25 A
-4.2
0.0
4.2
8.3
12.5
16.7
20.8
25.0
29.2
-2
0
2
4
6
8
10
t (µs)
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
IP
VOUT
IP = 25 A
1
10
100
1000
10000
1.E+1 1.E+2 1.E+3 1.E+4 1.E+5 1.E+6 1.E+7
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com