Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS Datasheet(PDF) 1 Page - LEM

Part # CAS
Description  Current Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CAS Datasheet(HTML) 1 Page - LEM

  CAS Datasheet HTML 1Page - LEM CAS Datasheet HTML 2Page - LEM CAS Datasheet HTML 3Page - LEM CAS Datasheet HTML 4Page - LEM CAS Datasheet HTML 5Page - LEM CAS Datasheet HTML 6Page - LEM CAS Datasheet HTML 7Page - LEM CAS Datasheet HTML 8Page - LEM CAS Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Page 1/16
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Current Transducer CAS series
I
PN = 6, 15, 25, 50 A
Ref: CAS 6-NP, CAS 15-NP, CAS 25-NP, CAS 50-NP
For the electronic measurement of current: DC, AC, pulsed..., with galvanic isolation
between the primary and the secondary circuit.
Features
● Closed loop (compensated) multi-range
current transducer
● Voltage output
● Single supply
● Isolated plastic case material recognized
according to UL 94-V0
● Compact design for PCB mounting.
Advantages
● Very low temperature coefficient of offset
● Very good dv/dt immunity
● LTS compatible footprint
● Reduced height.
Applications
● AC variable speed and servo motor drives
● Static converters for DC motor drives
● Battery supplied applications
● Uninterruptible Power Supplies (UPS)
● Switched Mode Power Supplies (SMPS)
● Power supplies for welding applications.
Standards
● EN 50178
● UL 508
● IEC 61010-1 (safety).
Application Domain
● Industrial.


Similar Part No. - CAS

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CAS COPAL-CAS Datasheet
961Kb / 6P
SLIDE SWITCHES
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
logo
Festo Corporation.
CAS-1/2 FESTO-CAS-1/2 Datasheet
76Kb / 1P
Sub-base
CAS-1/4 FESTO-CAS-1/4 Datasheet
76Kb / 1P
Sub-base
logo
Level One
CAS-1101 LVL1-CAS-1101 Datasheet
167Kb / 2P
5~50mm Vari-Focal Day/Night Lens
More results

Similar Description - CAS

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com