Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CASR Datasheet(PDF) 11 Page - LEM

Part # CASR
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR Datasheet(HTML) 11 Page - LEM

Back Button CASR Datasheet HTML 7Page - LEM CASR Datasheet HTML 8Page - LEM CASR Datasheet HTML 9Page - LEM CASR Datasheet HTML 10Page - LEM CASR Datasheet HTML 11Page - LEM CASR Datasheet HTML 12Page - LEM CASR Datasheet HTML 13Page - LEM CASR Datasheet HTML 14Page - LEM CASR Datasheet HTML 15Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Page 11/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
Maximum continuous DC primary current
Figure 25:
I
P vs TA for CASR 6-NP
Figure 26:
I
P vs TA for CASR 15-NP
Figure 27:
I
P vs TA for CASR 25-NP
Figure 28:
I
P vs TA for CASR 50-NP
The maximum continuous DC primary current plot shows the boundary of the area for which all the following conditions are
true:
-
I
P < IPM
- Junction temperature Tj < 125 °C
- Primary conductor temperature < 110 °C
- Resistor power dissipation < 0.5 x rated power
Frequency derating
Figure 29: Maximum RMS AC primary current / maximum DC primary current vs frequency
AC Derating
10
100
1M
1k
10k
100k
0
0.25
0.5
0.75
1
1.25
f (Hz)
CASR 6-NP
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100 120
TA (°C)
CASR 15-NP
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100 120
TA (°C)
CASR 25-NP
0
10
20
30
40
50
60
70
80
90
0
20
40
60
80
100 120
TA (°C)
CASR 50-NP
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100 120
TA (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com